Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX196 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX196
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX196 Datasheet HTML 1Page - Maxim Integrated Products MAX196 Datasheet HTML 2Page - Maxim Integrated Products MAX196 Datasheet HTML 3Page - Maxim Integrated Products MAX196 Datasheet HTML 4Page - Maxim Integrated Products MAX196 Datasheet HTML 5Page - Maxim Integrated Products MAX196 Datasheet HTML 6Page - Maxim Integrated Products MAX196 Datasheet HTML 7Page - Maxim Integrated Products MAX196 Datasheet HTML 8Page - Maxim Integrated Products MAX196 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Input Capacitance
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
V
2.4
4.18
Input Voltage Range
µA
400
Input Current
VREF =
4.18V
1
V
VDD - 50mV
REFADJ Threshold for
Buffer Disable
Normal, or STANDBY power-down mode
k
10
Input Resistance
FULL power-down mode
5
M
Normal, or STANDBY
power-down mode
FULL power-down mode
Internal acquisition
3.0
5.0
External reference = 4.096V
After FULLPD or STBYPD
External acquisition (Note 9)
CONDITIONS
FULL power-down mode (Note 7)
5
µs
3.0
tACQI
Acquisition Time
LSB
±0.1
±1/2
PSRR
Power-Supply Rejection Ratio
(Note 8)
3.0
tACQE
External CLK
µs
V
4.75
5.25
VDD
Supply Voltage
6.0
tCONV
Conversion Time
Internal CLK, CCLK = 100pF
6.0
7.7
10.0
To 0.1mV REF bypass
capacitor fully discharged
ms
8
Reference Buffer Settling
60
120
60
Normal mode, bipolar ranges
700
850
Normal mode, unipolar ranges
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
STANDBY power-down mode
mA
18
IDD
Supply Current
610
µA
Internal reference
±1/2
CCLK = 100pF
MHz
1.25
1.56
2.00
fCLK
Internal Clock Frequency
0.1
2.0
fCLK
External Clock Frequency Range
MHz
External CLK
Internal CLK
Power-up (Note 10)
µs
200
Bandgap Reference
Start-Up Time
External CLK
ksps
100
Throughput Rate
Internal CLK, CCLK = 100pF
62
CREF = 4.7µF
CREF = 33µF
CIN
15
pF
(Note 5)
Input Leakage Current
IIN
±10
µA
VIN = 0V or VDD
Input Low Voltage
VINL
0.8
V
Input High Voltage
VINH
2.4
V
POWER REQUIREMENTS
TIMING
REFERENCE INPUT (buffer disabled, reference input applied to REF pin)
DIGITAL INPUTS (D7–D0, CLK, RD, WR, CS) (Note 11)


Similar Part No. - MAX196

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1960EEP MAXIM-MAX1960EEP Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960EEP MAXIM-MAX1960EEP Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results

Similar Description - MAX196

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
   12-Bit DAC with SPI??Interface
2004
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com