Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX189ACWE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX189ACWE
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189ACWE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX189ACWE Datasheet HTML 1Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 2Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 3Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 4Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 5Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX189ACWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
__________________General Description
The MAX187/MAX189 serial 12-bit analog-to-digital
converters (ADCs) operate from a single +5V supply
and accept a 0V to 5V analog input. Both parts feature
an 8.5µs successive-approximation ADC, a fast
track/hold (1.5µs), an on-chip clock, and a high-speed
3-wire serial interface.
The MAX187/MAX189 digitize signals at a 75ksps
throughput rate. An external clock accesses data from
the interface, which communicates without external
hardware to most digital signal processors and micro-
controllers. The interface is compatible with SPI™,
QSPI™, and Microwire™.
The MAX187 has an on-chip buffered reference, and
the MAX189 requires an external reference. Both the
MAX187 and MAX189 save space with 8-pin DIP and
16-pin SO packages. Power consumption is 7.5mW
and reduces to only 10µW in shutdown.
Excellent AC characteristics and very low power con-
sumption combined with ease of use and small pack-
age size make these converters ideal for remote DSP
and sensor applications, or for circuits where power
consumption and space are crucial.
___________________________Applications
Portable Data Logging
Remote Digital Signal Processing
Isolated Data Acquisition
High-Accuracy Process Control
________________________________Features
o 12-Bit Resolution
o ±12 LSB Integral Nonlinearity (MAX187A/MAX189A)
o Internal Track/Hold, 75kHz Sampling Rate
o Single +5V Operation
o Low Power: 2µA Shutdown Current
1.5mA Operating Current
o Internal 4.096V Buffered Reference (MAX187)
o 3-Wire Serial Interface, Compatible with SPI,
QSPI, and Microwire
o Small-Footprint 8-Pin DIP and 16-Pin SO
_________________Ordering Information
+5V, Low-Power, 12-Bit Serial ADCs
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
19-0196; Rev 0; 10/93
PART
TEMP. RANGE PIN-PACKAGE ERROR
(LSB)
MAX187ACPA
0°C to +70°C
8 Plastic DIP
±
1
2
MAX187BCPA
0°C to +70°C
8 Plastic DIP
±1
MAX187CCPA
0°C to +70°C
8 Plastic DIP
±2
MAX187ACWE
0°C to +70°C
16 Wide SO
±
1
2
MAX187BCWE
0°C to +70°C
16 Wide SO
±1
MAX187CCWE
0°C to +70°C
16 Wide SO
±2
MAX187BC/D
0°C to +70°C
Dice*
±1
™ SPI and QSPI are trademarks of Motorola. Microwire is a trademark of National Semiconductor.
Ordering Information continued on last page.
* Dice are specified at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
________________Functional Diagram
GND
5
REF
4
AIN
2
VDD
1
T/H
BANDGAP
REFERENCE
+2.5V
(MAX187 ONLY)
10k
AV = 1.638
(4.096V)
REF-
REF+
DAC
OUTPUT
SHIFT
REGISTER
DOUT
6
SCLK
8
CS
7
SHDN
3
CONTROL
AND
TIMING
12-BIT
SAR
COMPARATOR
BUFFER ENABLE/DISABLE
NOTE: PIN NUMBERS SHOWN ARE FOR 8-PIN DIPs ONLY.
MAX187
MAX189
TOP VIEW
1
2
3
4
8
7
6
5
SCLK
CS
DOUT
GND
REF
SHDN
AIN
VDD
DIP
MAX187
MAX189
Pin Configurations continued on last page.
_________________Pin Configurations
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX189ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189ACWE++ MAXIM-MAX189ACWE+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results

Similar Description - MAX189ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com