Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1963 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1963
Description  Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1963 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1963 Datasheet HTML 1Page - Maxim Integrated Products MAX1963 Datasheet HTML 2Page - Maxim Integrated Products MAX1963 Datasheet HTML 3Page - Maxim Integrated Products MAX1963 Datasheet HTML 4Page - Maxim Integrated Products MAX1963 Datasheet HTML 5Page - Maxim Integrated Products MAX1963 Datasheet HTML 6Page - Maxim Integrated Products MAX1963 Datasheet HTML 7Page - Maxim Integrated Products MAX1963 Datasheet HTML 8Page - Maxim Integrated Products MAX1963 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Input-Voltage, 300mA LDO Regulators
with RESET in SOT and TDFN
_______________________________________________________________________________________
3
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: The dropout voltage is defined as VIN - VOUT, when VOUT is 4% lower than the value of VOUT when VIN = VOUT + 0.5V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT
Reset Threshold Accuracy
VOUT falling, (1.7% typical hysteresis)
80
82.5
85
%VOUT
IRESET = 100µA
1
100
RESET Output Low Voltage
VOL
VIN = +1.0V, IRESET = 100µA
30
400
mV
TA = +25°C
0.001
1
RESET Output High Leakage
IOH
VRESET = 3.6V,
RESET not asserted
TA = +85°C
0.01
µA
MAX1963
2.2
3.2
5.5
Reset Delay
tRP
From VOUT high to RESET
rising
MAX1976
70
100
160
ms
THERMAL PROTECTION
Thermal-Shutdown Temperature
TSHDN
+165
°C
Thermal-Shutdown Hysteresis
∆TSHDN
15
°C
Typical Operating Characteristics
(VIN = (VOUT + 0.5V) or 1.8V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE ACCURACY
vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
-0.1
0
0.1
0.2
-0.2
0
300
VOUT = +3.0V
VOUT = +1.5V
VOUT = +0.75V
OUTPUT VOLTAGE ACCURACY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
3.0
2.6
2.2
1.8
-0.25
0
0.25
0.50
-0.50
1.4
3.4
IOUT = 300mA
IOUT = 100mA
IOUT = 0mA
VOUT = 1.5V
OUTPUT VOLTAGE ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
-40
85
VOUT = +1.5V
IOUT = 0mA, 100mA, 300mA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (VOUT + 0.5V) or 1.8V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX1963

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A MAXIM-MAX1963A Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
MAX1963AETA MAXIM-MAX1963AETA Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963AETA+T MAXIM-MAX1963AETA+T Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
More results

Similar Description - MAX1963

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1589 MAXIM-MAX1589_07 Datasheet
301Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Rev 2; 10/07
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A_V1 MAXIM-MAX1963A_V1 Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com