Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8747 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8747
Description  PCI Express Gen 3 Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8747 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8747 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8747 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8747 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8747 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PEX 8747, PCI Express Gen 3 Switch, 48 Lanes, 5 Ports
Highlights
PEX 8747 General Features
o
48-lane, 5-port PCIe Gen 3 switch
-
Integrate 8.0 GT/s SerDes
d
27 x 27mm
2, 676-pin FCBGA package
o
o
Typical Power: 8.0 Watts
res
PEX 8747 Key Featu
o
a
St ndards Compliant
-
PCI Express Base Specification, r3.0
)
(compatible w/ PCIe r1.0a/1.1 & 2.0
ec, r1.2
-
PCI Power Management Sp
-
Microsoft Vista Compliant
ices
-
Supports Access Control Serv
-
Dynamic link-width control
peed control
-
Dynamic SerDes s
o
gh
Hi
Performance
performancePAK
ng (bandwidth throttling)
Read Paci
Multicast
t Pool
Dynamic Buffer/FC Credi
ic
-
Non-blocking switch fabr
-
Full line rate on all ports
-
Packet Cut-Thru with 100ns max packet
latency (x16 to x16)
-
2KB Max Payload Size
o
Flexible Configuration
-
Ports configurable as x8 or x16
-
Registers configurable with strapping
2
t software
pins, EEPROM, I C, or hos
-
Lane and polarity reversal
0a PM
-
Compatible with PCIe 1.
o
Quality of Service (QoS)
-
Eight traffic classes per port
-
Weighted round-robin source
port arbitration
o
ailability, Serviceability
Reliability, Av
♦ visionPAK
Per Port Performance Monitoring
header counters
Per port payload &
SerDes Eye Capture
PCIe Packet Generator
Error Injection and Loopback
-
All ports hot plug capable thru I
2C
port)
(Hot Plug Controller on every
bit support
-
ECRC and Poison
-
Data Path parity
-
Memory (RAM) Error Correction
ignals
-
INTA# and FATAL_ERR# s
-
Advanced Error Reporting
-
ailable
Port Status bits and GPIO av
• Per port error diagnostics
-
JTAG AC/DC boundary scan
The ExpressLane™ PEX 8747 device offers Multi-Host PCI Express
switching capability enabling users to connect a host to its respective
endpoints via scalable, high bandwidth, non-blocking interconnection
to a variety of graphics applications. The PEX 8747 is optimized to
support high-resolution graphics while supporting peer-to-peer traffic
and multicast for maximum performance.
High Performance & Low Packet Latency
The PEX 8747 architecture supports packet cut-thru with a maximum
latency of 100ns (x16 to x16). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
The PEX 8747 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX 8747’s 5 ports can be
configured to lane widths of x8 or
x16. Flexible buffer allocation,
along with the device's flexible
packet flow control, maximizes
throughput for applications where
more
traffic
flows
in
the
downstream,
rather
than
upstream, direction. Any port can
be designated as the upstream
port,
which
can
be
changed
dynamically.
Figure
1
shows
some of the PEX 8747’s common
port configurations.
Figure 1. Common Port Configurations
PEX 8747
x16
PEX 8747
x16
x16
x16
x16 x8 x8
PEX 8747
x16
x8 x8 x8 x8
SerDes Power and Signal Management
The PEX 8747 provides low power capability that is fully compliant with the
PCIe power management specification and supports software control of the
SerDes outputs to allow optimization of power and signal strength in a
system. Furthermore, the SerDes block supports loop-back modes and
advanced reporting of error conditions, which enables efficient
management of the entire system.
© PLX Technology, www.plxtech.com
Page 1 of 4
10/20/2010, Version 1.0


Similar Part No. - PEX8747

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8747 PLX-PEX8747 Datasheet
599Kb / 4P
   PCI Express Gen 3 Switch, 48 Lanes, 5 Ports
More results

Similar Description - PEX8747

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8748 AVAGO-PEX8748 Datasheet
393Kb / 5P
   PCI Express Gen 3 Switch
PEX8712 AVAGO-PEX8712 Datasheet
469Kb / 5P
   PCI Express Gen 3 Switch
PEX8732 AVAGO-PEX8732 Datasheet
719Kb / 5P
   PCI Express Gen 3 Switch
PEX8749 AVAGO-PEX8749 Datasheet
807Kb / 5P
   PCI Express Gen 3 Switch
PEX8717 AVAGO-PEX8717 Datasheet
716Kb / 5P
   PCI Express Gen 3 Switch
PEX8713 AVAGO-PEX8713 Datasheet
688Kb / 5P
   PCI Express Gen 3 Switch
PEX8716 AVAGO-PEX8716 Datasheet
436Kb / 5P
   PCI Express Gen 3 Switch
PEX8725 AVAGO-PEX8725 Datasheet
640Kb / 5P
   PCI Express Gen 3 Switch
PEX8724 AVAGO-PEX8724 Datasheet
337Kb / 5P
   PCI Express Gen 3 Switch
PEX8733 AVAGO-PEX8733 Datasheet
659Kb / 5P
   PCI Express Gen 3 Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com