Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX194AMDE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX194AMDE
Description  14-Bit, 85ksps ADC with 10A Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194AMDE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX194AMDE Datasheet HTML 1Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 2Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 3Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 4Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 5Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 6Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 7Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 8Page - Maxim Integrated Products MAX194AMDE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
14-Bit, 85ksps ADC with 10µA Shutdown
4
_______________________________________________________________________________________
VDDD = VDDA = 5.25V, VSSD = VSSA = -5.25V
VDDD = VDDA = 5.25V, VSSD = VSSA = -5.25V,
BP/UP/SHDN = 0V
VDDD = VDDA = 5.25V, VSSD = VSSA = -5.25V,
BP/UP/SHDN = 0V
VDDD = VDDA = 5.25V, VSSD = VSSA = -5.25V,
BP/UP/SHDN = 0V
VDDD = VDDA = 5.25V, VSSD = VSSA = -5.25V,
BP/UP/SHDN = 0V
CONDITIONS
mW
80
Power Dissipation
µA
0.1
5
ISSA
VSSA Shutdown Supply Current
µA
0.1
5
IDDA
VDDA Shutdown Supply Current
µA
1.6
5
IDDD
VDDD Shutdown Supply Current
(Note 5)
µA
0.1
5
ISSD
VSSD Shutdown Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VDDD = VDDA = +5V, VSSD = VSSA = -5V, fCLK = 1.7MHz, VREF = +5V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
TIMING CHARACTERISTICS
(VDDD = VDDA = +5V, VSSD = VSSA = -5V, unless otherwise noted.)
Note 1: Accuracy and dynamic performance tests performed after calibration.
Note 2: Tested with 50% duty cycle. Duty cycles from 25% to 75% at 1.7MHz are acceptable.
Note 3: See
External Clock section.
Note 4: Guaranteed by design, not tested.
Note 5: Measured in shutdown mode with CLK and SCLK low.
POWER REQUIREMENTS (cont.)
PARAMETER
SYMBOL CONDITIONS
TA = +25°C
TYP
TA = 0°C to
+70°C
MIN
MAX
TA = -40°C to
+85°C
MIN
MAX
TA = -55°C to
+125°C
MIN
MAX
UNITS
CONV Pulse Width
tCW
20
30
35
ns
CONV to CLK Falling
Synchronization (Note 4)
tCC1
10
10
10
ns
CONV to CLK Rising
Synchronization (Note 4)
tCC2
40
40
ns
Data Access Time
tDV
CL = 50pF
80
80
40
ns
Bus Relinquish Time
tDH
CL = 10pF
40
40
40
ns
CLK to EOC High
tCEH
CL = 50pF
300
300
350
ns
CLK to EOC Low
tCEL
CL = 50pF
300
300
350
ns
CLK to DOUT Valid
tCD
CL = 50pF
100
350
100
375
100
400
ns
SCLK to DOUT Valid
tSD
CL = 50pF
20
140
20
160
20
160
ns
CS to SCLK Setup Time
tCSS
75
75
75
ns
CS to SCLK Hold Time
tCSH
-10
-10
-10
ns
Acquisition Time
tAQ
2.4
2.4
2.4
µs
Calibration Time
tCAL
14,000(CLK)
8.2
8.2
8.2
ms
RESET to CLK Setup Time
tRCS
-40
-40
-40
ns
RESET to CLK Hold Time
tRCH
120
120
120
Start-Up Time (Note 6)
tSU
Exiting
shutdown
3.2
ns
90
µs
Note 6: Settling time required after deasserting shutdown to achieve less than 0.1LSB additional error.


Similar Part No. - MAX194AMDE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940 MAXIM-MAX1940 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940EEE MAXIM-MAX1940EEE Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results

Similar Description - MAX194AMDE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
logo
Linear Technology
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com