Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-RI2150L-UFAN0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-RI2150L-UFAN0E
Description  X86-based Intelligent IoT Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-RI2150L-UFAN0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-RI2150L-UFAN0E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-RI2150L-UFAN0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-RI2150L
Specifications
Processor System
CPU
Intel ULV Core i3 3217UE / Intel ULV Core i7 3517UE
Max. Speed
Dual Core 1.6 GHz / 1.7 GHz (Max Turbo Frequency 2.8 GHz)
L3 Cache
3 MB / 4 MB
System Chipset
Intel QM77
BIOS
AMI EFI 64Mbit
Memory
Technology
DDR3 1600MHz, DDR3L 1333 MHz
Max. Capacity
8GB
Socket
1 x 204-pin SO-DIMM
Graphic
Chipset
Intel QM77 Integrated GFX Gen 7
Graphic Engine
DirectX11, OpenGL 3.1, and Open CL 11
Hardware decode acceleration: AVC/H.264, M PEG-2, VC-1
VGA
Integrated 340.4MHz RAMDAC, Max resolution up to 2048 x 1536 @ 75Hz
HDMI
Supports HDMI 1.4 for HD Video playback
Max resolution up to 2560 x 1600 @ 60Hz on DisplayPort, Max resolution up to 1920 x 1200 @ 60Hz on HDMI
Dual Display
VGA + HDMI or VGA + DisplayPort
I/O Interface
COM
2 x RS232
USB
2 x USB 3.0 portsand 2 x USB 2.0 ports
LAN
1 x 10/100/1000 Mbps Intel 82579LM Ethernet controller, support Wake On Lan
1 x 10/100/1000 Mbps Intel 82583V Ethernet controller, support Wake On Lan
Expansion
Mini PCIe
1 x Full-size Mini PCIe (Supports mSATA)
1 x Half-size Mini PCIeer
Storage
SSD
Supports one internal mSATA socket
Power Requirement
Power Type
AT/ATX
DC-input
12 VDC
Minimum Power Input
12 V, 4 A
Power Adapter
AC to DC, DC12 V/5 A, 60 W (Optional)
Software Support
Microsoft Windows
Windows 7, Windows 7 Embedded, XP Professional, XP Embedded, WinCE 7.0
Linux
Ubuntu 12.04
Software Development
Package
.Net, C/C++, Java, VB
Mechanical &
Environmental
Construction
Aluminum housing
Dimensions(W x H x D)
264.5 x 75.1 x 133.0 mm (10.41" x 2.96" x 5.24")
Weight
2.35 kg
Operating Temperature
Actual operational temperture may vary depending on used sensing module
Storage Temperature
-40 ~ 85° C ( -40 ~ 185° F)
Operating Humidity
Relative Humidity 95% @ 40° C (non-condensing)
Mounting
Din-Rail mounting, Desk/wall-mounting
Ordering Information
Model Name
Description
ARK-RI2150L-UFAN0E
X86-based Intelligent Controller Powered by Intel ULV Core i7 3517UE 1.7 GHz processor
Plus Package Benefits
Free-bundled RFID Demo Software
FlexibleEvent
ActionPlan
LicensePlate
Recognition
PowerfulIE Browser
Monitoring
ForbiddenZone
FlexibleandDiverse
Recording Modes
PeopleCounting
Intelligent Video Recording Software
Optional IntelligentVideoAnalytics(IVA)


Similar Part No. - ARK-RI2150L-UFAN0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-10 ADVANTECH-ARK-10 Datasheet
1Mb / 2P
   Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
ARK-10-U0A1E ADVANTECH-ARK-10-U0A1E Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-10-U0A4 ADVANTECH-ARK-10-U0A4 Datasheet
1Mb / 2P
   Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-11 ADVANTECH-ARK-11 Datasheet
1Mb / 2P
   Intel Celeron N3350 DC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
22-Jan-2021
More results

Similar Description - ARK-RI2150L-UFAN0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESRP-PCS-ECU1051 ADVANTECH-ESRP-PCS-ECU1051 Datasheet
765Kb / 2P
   Edge Intelligent IoT Gateway
DLT-V72 ADVANTECH-DLT-V72 Datasheet
791Kb / 4P
   Rugged X86-Based Vehicle-Mounted Terminal
10-Feb-2023
DLT-V73 ADVANTECH-DLT-V73 Datasheet
1,014Kb / 3P
   Rugged x86-Based Vehicle-Mounted Terminal
15-Jun-2023
DLT-V7212 ADVANTECH-DLT-V7212 Datasheet
865Kb / 4P
   Rugged X86-Based Vehicle-Mounted Terminal
10-Feb-2023
logo
Contec Co., Ltd
CPS-BXC200 CONTEC-CPS-BXC200 Datasheet
328Kb / 3P
   IoT Edge Controller
logo
Advantech Co., Ltd.
MTC6 ADVANTECH-MTC6_15 Datasheet
265Kb / 2P
   Rugged, X86-based Vehicle Mount Terminal Series
DLT-V7210-K ADVANTECH-DLT-V7210-K Datasheet
790Kb / 3P
   Rugged, X86-Based Vehicle-Mounted Terminal with Integrated Keyboard
10-Feb-2023
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
MLX90805 ETC-MLX90805 Datasheet
167Kb / 13P
   Intelligent Triac Controller
logo
Advantech Co., Ltd.
WISE-3320 ADVANTECH-WISE-3320 Datasheet
569Kb / 2P
   100-Node Wireless IoT Network Controller
29-Apr-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com