Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX186BMJP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX186BMJP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186BMJP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX186BMJP Datasheet HTML 1Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 2Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 3Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 4Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 5Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 6Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 7Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 8Page - Maxim Integrated Products MAX186BMJP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
External Clock Frequency Range
Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Bandwidth
-3dB rolloff
4.5
MHz
Full-Power Bandwidth
800
kHz
Internal clock
5.5
10
Conversion Time (Note 5)
t CONV
External clock, 2MHz, 12 clocks/conversion
6
µs
Track/Hold Acquisition Time
tAZ
1.5
µs
Aperture Delay
10
ns
Aperture Jitter
<50
ps
Internal Clock Frequency
1.7
MHz
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; VSS = 0V or -5V; fCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX186—
4.7µF capacitor at VREF pin; MAX188—external reference, VREF = 4.096V applied to VREF pin; TA = TMIN to TMAX, unless otherwise
noted.)
External compensation, 4.7µF
0.1
2.0
Internal compensation (Note 6)
0.1
0.4
Used for data transfer only
10
MHz
Unipolar, VSS = 0V
Input Voltage Range,
Single-Ended and Differential
(Note 9)
Bipolar, VSS = -5V
V
Multiplexer Leakage Current
On/off leakage current, VIN = ±5V
±0.01
±1
µA
Input Capacitance
(Note 6)
16
pF
VREF Output Voltage
TA = +25°C
4.076
4.096
4.116
V
VREF Short-Circuit Current
30
mA
MAX186A, MAX186B,
MAX186C
±30
±50
±30
±60
±30
±80
VREF Tempco
MAX186D
±30
ppm/°C
Load Regulation (Note 7)
0mA to 0.5mA output load
2.5
mV
Internal compensation
0
Capacitive Bypass at VREF
External compensation
4.7
µF
Internal compensation
0.01
Capacitive Bypass at REFADJ
External compensation
0.01
µF
MAX186_C
MAX186_E
MAX186_M
REFADJ Adjustment Range
±1.5
%
±VREF/2
0 to
VREF
Input Voltage Range
V
Input Current
200
350
µA
Input Resistance
12
20
k
Shutdown VREF Input Current
1.5
10
µA
Buffer Disable Threshold REFADJ
VDD -
50mV
V
VDD +
2.50
50mV
CONVERSION RATE
ANALOG INPUT
INTERNAL REFERENCE (MAX186 only, reference buffer enabled)
EXTERNAL REFERENCE AT VREF (Buffer disabled, VREF = 4.096V)


Similar Part No. - MAX186BMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
   Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX1864 MAXIM-MAX1864 Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864-MAX1865 MAXIM-MAX1864-MAX1865 Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864TEEE MAXIM-MAX1864TEEE Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864UEEE MAXIM-MAX1864UEEE Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
More results

Similar Description - MAX186BMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX146 MAXIM-MAX146 Datasheet
198Kb / 24P
   2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev 1; 6/97
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com