Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1978ETM Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1978ETM
Description  Integrated Temperature Controllers for Peltier Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978ETM Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1978ETM Datasheet HTML 3Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 4Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 5Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 6Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 7Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 8Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 9Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 10Page - Maxim Integrated Products MAX1978ETM Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Integrated Temperature
Controllers for Peltier Modules
_______________________________________________________________________________________
7
EFFICIENCY vs. TEC CURRENT
VDD = 5V
TEC CURRENT (A)
2.0
1.5
1.0
0.5
10
20
30
40
50
60
70
80
90
0
0
2.5
RTEC = 1.1
EFFICIENCY vs. TEC CURRENT
VDD = 3.3V
TEC CURRENT (A)
2.0
1.5
0.5
1.0
10
20
30
40
50
60
70
80
0
0
2.5
RTEC = 0.855
OUTPUT-VOLTAGE
RIPPLE WAVEFORMS
400ns/div
VOS2
100mV/div
AC-COUPLED
VOS1
100mV/div
AC-COUPLED
VOS1 - VOS1
50mV/div
INPUT SUPPLY RIPPLE
200ns/div
VDD
20mV/div
AC-COUPLED
TEC CURRENT vs. CTLI VOLTAGE
20ms/div
VCTLI
1V/div
ITEC
2A/div
-0V
-0A
ZERO-CROSSING TEC CURRENT
1ms/div
VCTLI
200mV/div
ITEC
500mA/div
1.5V
0A
VITEC vs. TEC CURRENT
TEC CURRENT (A)
2
1
0
-1
-2
0.5
1.0
1.5
2.0
2.5
3.0
0
-3
3
TEC CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
0.995
1.000
1.005
1.010
0.990
-40
ITEC = 1A
RSENSE = 0.68
SWITCHING FREQUENCY
vs. TEMPERATURE
494
496
498
500
502
504
506
508
492
TEMPERATURE (
°C)
80
60
40
20
0
-20
-40
VCTLI = 1.5V
RTEC = 1
Typical Operating Characteristics
(VDD = 5V, VCTLI = 1V, VFREQ = GND, RTEC = 1
Ω, circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1978ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1978EV MAXIM-MAX1978EV Datasheet
310Kb / 12P
   Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
MAX1978EVKIT MAXIM-MAX1978EVKIT Datasheet
310Kb / 12P
   Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
MAX1978EVKIT-ND MAXIM-MAX1978EVKIT-ND Datasheet
310Kb / 12P
   Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
More results

Similar Description - MAX1978ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1978 MAXIM-MAX1978_10 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
logo
Renesas Technology Corp
TSE2002B3C RENESAS-TSE2002B3C Datasheet
621Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Modules
May 12, 2010
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
   Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
   Temperature Controllers
logo
Renesas Technology Corp
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com