Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX189 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX189
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX189 Datasheet HTML 7Page - Maxim Integrated Products MAX189 Datasheet HTML 8Page - Maxim Integrated Products MAX189 Datasheet HTML 9Page - Maxim Integrated Products MAX189 Datasheet HTML 10Page - Maxim Integrated Products MAX189 Datasheet HTML 11Page - Maxim Integrated Products MAX189 Datasheet HTML 12Page - Maxim Integrated Products MAX189 Datasheet HTML 13Page - Maxim Integrated Products MAX189 Datasheet HTML 14Page - Maxim Integrated Products MAX189 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
____________________Serial Interface
Initialization After Power-Up and
Starting a Conversion
When power is first applied, it takes the fully dis-
charged 4.7µF reference bypass capacitor up to 20ms
to provide adequate charge for specified accuracy.
With
SHDN not pulled low, the MAX187/MAX189 are
now ready to convert.
To start a conversion, pull
CS low. At CS’s falling edge,
the T/H enters its hold mode and a conversion is initiat-
ed. After an internally timed 8.5µs conversion period,
the end of conversion is signaled by DOUT pulling
high. Data can then be shifted out serially with the
external clock.
Using
SHDN to Reduce Supply Current
Power consumption can be reduced significantly by
shutting down the MAX187/MAX189 between conver-
sions. This is shown in Figure 6, a plot of average sup-
ply current vs. conversion rate. Because the MAX189
uses an external reference voltage (assumed to be pre-
sent continuously), it "wakes up" from shutdown more
quickly, and therefore provides lower average supply
currents. The wakeup-time, tWAKE, is the time from
SHDN deasserted to the time when a conversion may
be initiated. For the MAX187, this time is 2µs. For the
MAX189, this time depends on the time in shutdown
(see Figure 7) because the external 4.7µF reference
bypass capacitor loses charge slowly during shutdown
(see the specifications for shutdown, REF Input Current
= 10µA max).
External Clock
The actual conversion does not require the external
clock. This frees the µP from the burden of running the
SAR conversion clock, and allows the conversion result
to be read back at the µP’s convenience at any clock
rate from 0MHz to 5MHz. The clock duty cycle is unre-
stricted if each clock phase is at least 100ns. Do not
run the clock while a conversion is in progress.
Timing and Control
Conversion-start and data-read operations are con-
trolled by the
CS and SCLK digital inputs. The timing
diagrams of Figures 8 and 9 outline the operation of the
serial interface.
A
CS falling edge initiates a conversion sequence: The
T/H stage holds input voltage, the ADC begins to con-
vert, and DOUT changes from high impedance to logic
low. SCLK must be kept inactive during the conversion.
An internal register stores the data when the conversion
is in progress.
End of conversion (EOC) is signaled by DOUT going
high. DOUT’s rising edge can be used as a framing
signal. SCLK shifts the data out of this register any time
after the conversion is complete. DOUT transitions on
SCLK’s falling edge. The next falling clock edge pro-
duces the MSB of the conversion at DOUT, followed by
the remaining bits. Since there are 12 data bits and one
leading high bit, at least 13 falling clock edges are
needed to shift out these bits. Extra clock pulses occur-
ring after the conversion result has been clocked out,
and prior to a rising edge of
CS, produce trailing 0s at
DOUT and have no effect on converter operation.
+5V, Low-Power, 12-Bit Serial ADCs
______________________________________________________________________________________
11
10000
1000
100
10
1
0.1
1
10
100
1000
10000
CONVERSIONS PER SECOND
100000
MAX187
MAX189*
*REF CONNECTED TO VDD
3.0
2.5
2.0
1.5
1.0
0.5
0
0.0001
0.001
0.01
0.1
1
10
TIME IN SHUTDOWN (sec)
Figure 6. Average Supply Current vs. Conversion Rate
Figure 7. tWAKE vs. Time in Shutdown (MAX187 only)


Similar Part No. - MAX189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX189 MAXIM-MAX189 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894XEEE MAXIM-MAX1894XEEE Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results

Similar Description - MAX189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com