Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16501 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16501_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
6 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
A4
9
data input or output (A side)
A5
10
data input or output (A side)
GND
11
ground (0 V)
A6
12
data input or output (A side)
A7
13
data input or output (A side)
A8
14
data input or output (A side)
A9
15
data input or output (A side)
A10
16
data input or output (A side)
A11
17
data input or output (A side)
GND
18
ground (0 V)
A12
19
data input or output (A side)
A13
20
data input or output (A side)
A14
21
data input or output (A side)
VCC
22
voltage supply
A15
23
data input or output (A side)
A16
24
data input or output (A side)
GND
25
ground (0 V)
A17
26
data input or output (A side)
OEBA
27
B-to-A output enable input (active LOW)
LEBA
28
B-to-A latch enable input
GND
29
ground (0 V)
CPBA
30
B-to-A clock input (active rising edge)
B17
31
data input or output (B side)
GND
32
ground (0 V)
B16
33
data input or output (B side)
B15
34
data input or output (B side)
VCC
35
voltage supply
B14
36
data input or output (B side)
B13
37
data input or output (B side)
B12
38
data input or output (B side)
GND
39
ground (0 V)
B11
40
data input or output (B side)
B10
41
data input or output (B side)
B9
42
data input or output (B side)
B8
43
data input or output (B side)
B7
44
data input or output (B side)
B6
45
data input or output (B side)
GND
46
ground (0 V)
B5
47
data input or output (B side)
B4
48
data input or output (B side)
B3
49
data input or output (B side)
Table 3:
Pin description …continued
Symbol
Pin
Description


Similar Part No. - 74ALVT16501_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501DGG NEXPERIA-74ALVT16501DGG Datasheet
231Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results

Similar Description - 74ALVT16501_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com