Electronic Components Datasheet Search |
|
74AUP2G04 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
74AUP2G04 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 19 page 74AUP2G04 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 5 — 5 March 2012 9 of 19 NXP Semiconductors 74AUP2G04 Low-power dual inverter [1] All typical values are measured at nominal VCC. [2] tpd is the same as tPLH and tPHL. [3] All specified values are the average typical values over all stated loads. [4] CPD is used to determine the dynamic power dissipation (PD in W). PD =CPD VCC2 fi N+ (CL VCC2 fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (C L VCC 2 f o) = sum of the outputs. 12. Waveforms CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance fi = 1 MHz; VI = GND to VCC [3][4] VCC = 0.8 V - 2.5 - - - - pF VCC = 1.1 V to 1.3 V - 2.7 - - - - pF VCC = 1.4 V to 1.6 V - 2.8 - - - - pF VCC = 1.65 V to 1.95 V - 3.0 - - - - pF VCC = 2.3 V to 2.7 V - 3.5 - - - - pF VCC = 3.0 V to 3.6 V - 4.0 - - - - pF Table 8. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8. Symbol Parameter Conditions 25 C 40 C to +125 C Unit Min Typ[1] Max Min Max (85 C) Max (125 C) Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load. Fig 7. The data input (nA) to output (nY) propagation delays mna344 tPHL tPLH VM VM VM VM nA input nY output GND VI VOH VOL Table 9. Measurement points Supply voltage Output Input VCC VM VM VI tr = tf 0.8 V to 3.6 V 0.5 V CC 0.5 V CC VCC 3.0 ns |
Similar Part No. - 74AUP2G04_15 |
|
Similar Description - 74AUP2G04_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |