Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP2G06
Description  Low-power dual inverter with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G06_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74AUP2G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 29 November 2012
8 of 18
NXP Semiconductors
74AUP2G06
Low-power dual inverter with open-drain output
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPZL and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  Nwhere:
fi = input frequency in MHz;
VCC = supply voltage in V;
N = number of inputs switching.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
0.5
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
0.6
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
0.7
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
0.7
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
1.0
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
1.2
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
Measurement points are given in Table 9.
Logic level: VOL is the typical output voltage level that occurs at the output load.
Fig 7.
The data input (nA) to output (nY) propagation delays
mnb033
tPLZ
VX
nA input
nY output
VI
VCC
VM
VOL
GND
tPZL
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
0.8 V to 1.6 V
0.5
 V
CC
0.5
 V
CC
VOL +0.1 V
1.65 V to 2.7 V
0.5
 V
CC
0.5
 V
CC
VOL +0.15V
3.0 V to 3.6 V
0.5
 V
CC
0.5
 V
CC
VOL +0.3 V


Similar Part No. - 74AUP2G06_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GF NEXPERIA-74AUP2G0604GF Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GM NEXPERIA-74AUP2G0604GM Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GN NEXPERIA-74AUP2G0604GN Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GS NEXPERIA-74AUP2G0604GS Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
More results

Similar Description - 74AUP2G06_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com