Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB50HC20 Datasheet(PDF) 2 Page - International Rectifier

Part # HFB50HC20
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB50HC20 Datasheet(HTML) 2 Page - International Rectifier

  HFB50HC20 Datasheet HTML 1Page - International Rectifier HFB50HC20 Datasheet HTML 2Page - International Rectifier HFB50HC20 Datasheet HTML 3Page - International Rectifier HFB50HC20 Datasheet HTML 4Page - International Rectifier HFB50HC20 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
HFB50HC20
A/µs
nC
A
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
Parameter
Min.
Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time
35
ns
IF = 0.5A,VR = 30V, dif/dt = 300A/µs
trr1
Reverse Recovery Time
42
ns
TJ = 25°C
See Fig.
trr2
69
TJ = 125°C
5
IF = 50A
IRRM1
Peak Recovery Current
4.4
TJ = 25°C
See Fig.
IRRM2
8.7
TJ = 125°C
6
VR = 160V
Qrr1
Reverse Recovery Charge
108
TJ = 25°C
See Fig.
Qrr2
314
TJ = 125°C
7
dif/dt = 200A/µs
di(rec)M/dt1
Peak Rate of Fall of Recovery Current
390
TJ = 25°C
See Fig.
di(rec)M/dt2
During tb
570
TJ = 125°C
8
Thermal - Mechanical Characteristics
Parameter
Typ.
Max.
Units
RthJC
Junction-to-Case
0.75
Wt
Weight
10.9
g
°C/W
See Fig. 2
Parameter
Min. Typ. Max. Units
Test Conditions
V
BR
Cathode Anode Breakdown Voltage
200
V
IR = 100µA
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LS
Series Inductance
8.7
nH
Measured from anode lead to cathode
lead, 6 mm ( 0.025 in ) from package
CT
Junction Capacitance, See Fig. 3
360
pF
VR = 200V
IR
Reverse Leakage Current
10
µA
VR = VR Rated
See Fig. 2
200
µA
VR = VR Rated, TJ = 125°C
VF
Forward Voltage
1.34
IF = 50A, TJ = -55°C
See Fig. 1
1.28
IF = 50A, TJ = 25°C
1.7
IF = 100A, TJ = 25°C
1.69
IF = 100A, TJ = 125°C
V
S
S
T
T
T
T
Pulse Width < 300µs, Duty Cycle < 2%
Pins 2 and 3 externally tied together
S
T
Note:


Similar Part No. - HFB50HC20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB50HC20 IRF-HFB50HC20 Datasheet
109Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C Datasheet
114Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB50HC20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com