Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP3G34 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP3G34
Description  Low-power triple buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP3G34 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP3G34_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 12Page - NXP Semiconductors 74AUP3G34_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74AUP3G34
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 18 December 2014
9 of 23
NXP Semiconductors
74AUP3G34
Low-power triple buffer
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 9.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
14.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
4.7
9.2
2.0
10.0
11.0
ns
VCC = 1.4 V to 1.6 V
2.1
3.4
5.7
1.6
6.5
7.2
ns
VCC = 1.65 V to 1.95 V
1.8
2.9
4.5
1.4
5.2
5.8
ns
VCC = 2.3 V to 2.7 V
1.5
2.3
3.5
1.2
4.2
4.6
ns
VCC = 3.0 V to 3.6 V
1.4
2.1
3.2
1.0
3.8
4.2
ns
CL = 10 pF
tpd
propagation delay nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
18.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
5.6
10.9
2.3
11.8
13.1
ns
VCC = 1.4 V to 1.6 V
2.6
4.1
6.7
1.9
7.7
8.5
ns
VCC = 1.65 V to 1.95 V
2.3
3.4
5.3
1.7
6.2
6.9
ns
VCC = 2.3 V to 2.7 V
2.0
2.9
4.2
1.5
5.0
5.5
ns
VCC = 3.0 V to 3.6 V
1.7
2.6
3.8
1.4
4.6
5.1
ns
CL = 15 pF
tpd
propagation delay nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
21.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
6.4
12.6
2.6
13.8
15.2
ns
VCC = 1.4 V to 1.6 V
3.0
4.6
7.6
2.2
8.9
9.8
ns
VCC = 1.65 V to 1.95 V
2.6
3.9
6.0
2.0
7.2
7.9
ns
VCC = 2.3 V to 2.7 V
2.3
3.3
4.8
1.8
5.7
6.3
ns
VCC = 3.0 V to 3.6 V
2.1
3.1
4.2
1.6
5.0
5.5
ns
CL = 30 pF
tpd
propagation delay nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
32.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.8
8.7
16.3
3.6
18.9
20.8
ns
VCC = 1.4 V to 1.6 V
4.0
6.2
10.3
3.4
12.2
13.4
ns
VCC = 1.65 V to 1.95 V
3.6
5.2
8.1
3.2
9.8
10.8
ns
VCC = 2.3 V to 2.7 V
3.0
4.4
6.4
2.7
7.7
8.5
ns
VCC = 3.0 V to 3.6 V
2.9
4.2
5.6
2.5
6.5
7.2
ns


Similar Part No. - 74AUP3G34_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
74AUP3G3404DC NEXPERIA-74AUP3G3404DC Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
74AUP3G3404GF NEXPERIA-74AUP3G3404GF Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
74AUP3G3404GM NEXPERIA-74AUP3G3404GM Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
74AUP3G3404GN NEXPERIA-74AUP3G3404GN Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
More results

Similar Description - 74AUP3G34_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP3G34 NEXPERIA-74AUP3G34 Datasheet
266Kb / 18P
   Low-power triple buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
Texas Instruments
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
logo
Calogic, LLC
CVA4401 CALOGIC-CVA4401 Datasheet
27Kb / 2P
   Low Power, 400MHz High Speed Triple Buffer
logo
NXP Semiconductors
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
   Low-power triple buffer with open-drain output
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
   Triple Buffer
July, 2014 ??Rev. 8
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
   Triple Buffer
November, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com