Electronic Components Datasheet Search |
|
HMA423R409T Datasheet(PDF) 4 Page - International Rectifier |
|
HMA423R409T Datasheet(HTML) 4 Page - International Rectifier |
4 / 8 page 4 www.irf.com HMA423R409T/ES For Notes to Electrical Performance Characteristics, refer to page 5 Electrical Performance Characteristics ( continued ) Conditions -55°C ≤ TC ≤ +125°C Group A VIN = 42V DC ± 5%, CL = 0 Parameter Subgroup unless otherwiese specified Min. Nom. Max. Unit 1 600 650 700 2,3 500 700 Efficiency ( EFF ) 1,2,3 IOUT = 100 % Rated Load , Note 5 74 % Inhibit Input Open Circuit Voltage 3.0 5.0 V Drive Current ( Sink ) Note 1 100 µA Voltage Range -0.5 50 V Synchronization Input Frequency Range 600 700 KHz Pulse High Level 4.0 10 V Pulse Low Level 1,2,3 Ext. Clock on Sync. Input (Pin 4), Note 1 -0.5 0.5 V Pulse Transition Time 40 V/ µs Pulse Duty Cycle 20 80 % Current Limit Point Expressed as a Percentage 1 VOUT = 90% of Nominal, Note 5 130 % of Full Rated Output Power Output Response to Step Load Changes ( VTLD ) 4 Half Load to/from Full Load, Notes 5, 9 -300 300 mV pk Recovery Time, Step Load Changes ( TTLD ) 4 Half Load to/from Full Load, Notes 5, 9, 10 100 µs Turn-on Response No Load, Full Load, Notes 5, 12 Overshoot ( VOS ) 4,5,6 10 % Turn-on Delay ( TDLY ) 1.0 15 ms Capacitive Load ( CL ) IOUT = 100% Rated Load, 1 No effect on DC Performance, Notes 1,5,7 (main) 1000 (Each aux.Output) 200 IOUT = 100% Rated Load, DC to 50KHz, Notes 1, 5 Input to Output or Any Pin to Case except Pin 10, test @ 500VDC Device Weight 100 g KHz Sync. Input (Pin 4) open Switching Frequency ( FS ) Isolation 1 100 ΜΩ Line Rejection 1 40 Limits dB µF 60 |
Similar Part No. - HMA423R409T_15 |
|
Similar Description - HMA423R409T_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |