Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA423R409T Datasheet(PDF) 4 Page - International Rectifier

Part # HMA423R409T
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HMA423R409T Datasheet(HTML) 4 Page - International Rectifier

  HMA423R409T Datasheet HTML 1Page - International Rectifier HMA423R409T Datasheet HTML 2Page - International Rectifier HMA423R409T Datasheet HTML 3Page - International Rectifier HMA423R409T Datasheet HTML 4Page - International Rectifier HMA423R409T Datasheet HTML 5Page - International Rectifier HMA423R409T Datasheet HTML 6Page - International Rectifier HMA423R409T Datasheet HTML 7Page - International Rectifier HMA423R409T Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
HMA423R409T/ES
For Notes to Electrical Performance Characteristics, refer to page 5
Electrical Performance Characteristics ( continued )
Conditions
-55°C
≤ TC ≤ +125°C
Group A
VIN = 42V DC ± 5%, CL = 0
Parameter
Subgroup
unless otherwiese specified
Min.
Nom.
Max.
Unit
1
600
650
700
2,3
500
700
Efficiency ( EFF )
1,2,3
IOUT = 100 % Rated Load , Note 5
74
%
Inhibit Input
Open Circuit Voltage
3.0
5.0
V
Drive Current ( Sink )
Note 1
100
µA
Voltage Range
-0.5
50
V
Synchronization Input
Frequency Range
600
700
KHz
Pulse High Level
4.0
10
V
Pulse Low Level
1,2,3
Ext. Clock on Sync. Input (Pin 4), Note 1
-0.5
0.5
V
Pulse Transition Time
40
V/
µs
Pulse Duty Cycle
20
80
%
Current Limit Point
Expressed as a Percentage
1
VOUT = 90% of Nominal, Note 5
130
%
of Full Rated Output Power
Output Response to
Step Load Changes ( VTLD )
4
Half Load to/from Full Load, Notes 5, 9
-300
300
mV pk
Recovery Time,
Step Load Changes ( TTLD )
4
Half Load to/from Full Load, Notes 5, 9, 10
100
µs
Turn-on Response
No Load, Full Load, Notes 5, 12
Overshoot ( VOS )
4,5,6
10
%
Turn-on Delay ( TDLY )
1.0
15
ms
Capacitive Load ( CL )
IOUT = 100% Rated Load,
1
No effect on DC Performance, Notes 1,5,7
(main)
1000
(Each aux.Output)
200
IOUT = 100% Rated Load,
DC to 50KHz, Notes 1, 5
Input to Output or Any Pin to Case
except Pin 10, test @ 500VDC
Device Weight
100
g
KHz
Sync. Input (Pin 4) open
Switching Frequency ( FS )
Isolation
1
100
ΜΩ
Line Rejection
1
40
Limits
dB
µF
60


Similar Part No. - HMA423R409T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HMA423R409T IRF-HMA423R409T Datasheet
155Kb / 8P
   HIGH RELIABILITY DC-DC CONVERTER
HMA423R409TES IRF-HMA423R409TES Datasheet
155Kb / 8P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - HMA423R409T

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com