Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX214 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX214
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX214 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX214 Datasheet HTML 1Page - Maxim Integrated Products MAX214 Datasheet HTML 2Page - Maxim Integrated Products MAX214 Datasheet HTML 3Page - Maxim Integrated Products MAX214 Datasheet HTML 4Page - Maxim Integrated Products MAX214 Datasheet HTML 5Page - Maxim Integrated Products MAX214 Datasheet HTML 6Page - Maxim Integrated Products MAX214 Datasheet HTML 7Page - Maxim Integrated Products MAX214 Datasheet HTML 8Page - Maxim Integrated Products MAX214 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX214 +5V RS-232 transceiver provides a com-
plete, 8-line, software-configurable, DTE or DCE port
RS-232 interface. Tx, Rx, RTS, CTS, DTR, DSR, DCD,
and RI circuits can be configured as either Data
Terminal Equipment (DTE) or Data Circuit-Terminating
Equipment (DCE) using the DTE/DCE control pin. The
MAX214 eliminates the need to swap cables when
switching between DTE and DCE configurations.
________________________Applications
AT-Compatible Laptop Computers
AT-Compatible Desktop Computers
Modems, Printers, and Other Peripherals
____________________________Features
o Eliminates Null Modem Cables
o Programmable DTE or DCE Serial Port
o 1µF Charge-Pump Capacitors
o 116kbps Data Rate—Guaranteed
o 20µA Shutdown Mode
o Receivers Active in Shutdown
______________Ordering Information
* Dice are specified at TA = +25°C.
Programmable DTE/DCE,
+5V RS-232 Transceiver
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
MAX214
C1-
C1+
SHDN
TB
TC
RB
RC
DTE/DCE
TRB
RTB
TRC
RTC
VCC
V+
C2+
C2-
HI-Z
N.C.
TA
RA
RDC
RE
TRA
RTA
RDTC
RRE
GND
V-
DIP/SO
__________________Pin Configuration
RTA
VCC
TRA
TRB
RTB
TRC
RTC
RDTC
RRE
RE
RC
TC
RB
TB
RA
TA
C1+
C1-
C2+
C2-
V+
V-
15
14
9
10
20
19
18
17
11
12
5
6
25
23
24
22
7
8
27
28
1
2
16
GND
13
1
µF
1
µF
1
µF
1
µF
+5V
DTE
DTE
DCE
DTE
DTE
DCE
DTE
DTE
DCE
DTE
DTE
DCE
DTE/DCE
SHDN
HI-Z
21
26
3
RDC
DCE
MAX214
1
µF
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
PART
TEMP. RANGE
PIN-PACKAGE
MAX214CPI
0°C to +70°C
28 Plastic DIP
MAX214CWI
0°C to +70°C
28 Wide SO
MAX214C/D
0°C to +70°C
Dice*
MAX214EPI
-40°C to +85°C
28 Plastic DIP
MAX214EWI
-40°C to +85°C
28 Wide SO
19-0199; Rev 1; 8/95


Similar Part No. - MAX214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2140 MAXIM-MAX2140 Datasheet
162Kb / 12P
   Complete SDARS Receiver
Rev 1a; 9/04
MAX2140 MAXIM-MAX2140 Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
MAX2140 MAXIM-MAX2140 Datasheet
797Kb / 8P
   Evaluation Kit
Rev 0; 1/04
MAX2140ETH MAXIM-MAX2140ETH Datasheet
162Kb / 12P
   Complete SDARS Receiver
Rev 1a; 9/04
MAX2140ETH MAXIM-MAX2140ETH Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
More results

Similar Description - MAX214

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
   Programmable RS-232/RS-485 Transceiver
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
   Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com