Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16600 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVCH16600
Description  18-bit universal bus transceiver (3-State)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16600 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16600_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74ALVCH16600
18-bit universal bus transceiver (3-State)
1998 Sep 24
6
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage 2.5V range (for max. speed
performance @ 30 pF output load)
2.3
2.7
V
VCC
DC supply voltage 3.3V range (for max. speed
performance @ 50 pF output load)
3.0
3.6
V
VI
DC Input voltage range
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0V
VCC = 3.0 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For control pins1
–0.5 to +4.6
V
VI
DC in ut voltage
For data inputs1
–0.5 to VCC +0.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 8 mW/K
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ALVCH16600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results

Similar Description - 74ALVCH16600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com