Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX198AENI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX198AENI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX198AENI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX198AENI Datasheet HTML 1Page - Maxim Integrated Products MAX198AENI Datasheet HTML 2Page - Maxim Integrated Products MAX198AENI Datasheet HTML 3Page - Maxim Integrated Products MAX198AENI Datasheet HTML 4Page - Maxim Integrated Products MAX198AENI Datasheet HTML 5Page - Maxim Integrated Products MAX198AENI Datasheet HTML 6Page - Maxim Integrated Products MAX198AENI Datasheet HTML 7Page - Maxim Integrated Products MAX198AENI Datasheet HTML 8Page - Maxim Integrated Products MAX198AENI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
_______________________________________________________________________________________
5
Note 1:
Accuracy specifications tested at VDD = 5.0V. Performance at power-supply tolerance limits guaranteed by Power-Supply
Rejection test. Tested for the ±10V (MAX196) and ±4.096V (MAX198) input ranges.
Note 2:
External reference: VREF = 4.096V, offset error nulled, ideal last code transition = FS - 3/2LSB.
Note 3:
Ground “on” channel; sine wave applied to all “off” channels.
Note 4:
Maximum full-power input frequency for 1LSB error with 10ns jitter = 3kHz.
Note 5:
Guaranteed by design. Not tested.
Note 6:
Use static loads only.
Note 7:
Tested using internal reference.
Note 8:
PSRR measured at full-scale.
Note 9:
External acquisition timing: starts at data valid at ACQMOD = low control byte; ends at rising edge of WR with ACQMOD
= high control byte.
Note 10: Not subject to production testing. Provided for design guidance only.
Note 11: All input control signals specified with tR = tF = 5ns from a voltage level of 0.8V to 2.4V.
Note 12: tDO is measured with the load circuits of Figure 2 and defined as the time required for an output to cross 0.8V or 2.4V.
Note 13: tTR is defined as the time required for the data lines to change by 0.5V.
TIMING CHARACTERISTICS
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX; unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Three-State Output Capacitance
COUT
15
pF
(Note 5)
Output High Voltage
VOH
VDD - 1
V
VDD = 4.75V, ISOURCE = 1mA
Output Low Voltage
VOL
0.4
V
VDD = 4.75V, ISINK = 1.6mA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DIGITAL OUTPUTS (D11–D0, INT)
RD Low to Output Data Valid
tDO
120
ns
Figure 2, CL = 100pF (Note 12)
Data Valid to WR Setup
Data Valid to WR Hold
tDH
0
ns
tDS
60
ns
CLK to WR Setup Time
CLK to WR Hold Time
tCWH
50
ns
tCWS
100
ns
CS to RD Setup Time
CS to RD Hold Time
tCSRH
0
ns
tCSRS
0
ns
CS to WR Setup Time
CS to WR Hold Time
tCSWH
0
ns
tCSWS
0
ns
WR Pulse Width
tWR
80
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CS Pulse Width
tCS
80
ns
RD Low to INT High Delay
tINT1
120
ns
RD High to Output Disable
tTR
CONDITIONS
70
ns
(Note 13)


Similar Part No. - MAX198AENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1981A MAXIM-MAX1981A Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX1981AETL MAXIM-MAX1981AETL Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
More results

Similar Description - MAX198AENI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
   12-Bit DAC with SPI??Interface
2004
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com