Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX232EESE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX232EESE
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232EESE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX232EESE Datasheet HTML 7Page - Maxim Integrated Products MAX232EESE Datasheet HTML 8Page - Maxim Integrated Products MAX232EESE Datasheet HTML 9Page - Maxim Integrated Products MAX232EESE Datasheet HTML 10Page - Maxim Integrated Products MAX232EESE Datasheet HTML 11Page - Maxim Integrated Products MAX232EESE Datasheet HTML 12Page - Maxim Integrated Products MAX232EESE Datasheet HTML 13Page - Maxim Integrated Products MAX232EESE Datasheet HTML 14Page - Maxim Integrated Products MAX232EESE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
______________________________________________________________________________________
11
±15kV ESD-Protected, +5V RS-232 Transceivers
V+
V-
200µs/div
3V
0V
10V
5V
0V
-5V
-10V
SHDN
MAX211E
Figure 5. MAX211E V+ and V- when Exiting Shutdown (0.1µF
capacitors)
X = Don't Care
*Active = active with reduced performance
SHDN E
EN
N
OPERATION
STATUS
Tx
Rx
0
0
Normal
Operation
All Active
All Active
0
1
Normal
Operation
All Active
All High-Z
1
X
Shutdown
All High-Z
All High-Z
Table 1a. MAX205E/MAX206E/MAX211E/
MAX241E Control Pin Configurations
Table 1b. MAX213E Control Pin
Configurations
The MAX213E’s receiver propagation delay is typically
0.5µs in normal operation. In shutdown mode,
propagation delay increases to 4µs for both rising and
falling transitions. The MAX213E’s receiver inputs have
approximately 0.5V hysteresis, except in shutdown,
when receivers R4 and R5 have no hysteresis.
When entering shutdown with receivers active, R4 and
R5 are not valid until 80µs after SHDN is driven low.
When coming out of shutdown, all receiver outputs are
invalid until the charge pumps reach nominal voltage
levels (less than 2ms when using 0.1µF capacitors).
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against
electrostatic discharges encountered during handling
and assembly. The driver outputs and receiver inputs
have extra protection against static electricity. Maxim’s
engineers developed state-of-the-art structures to
protect these pins against ESD of ±15kV without
damage. The ESD structures withstand high ESD in all
states: normal operation, shutdown, and powered
down. After an ESD event, Maxim’s E versions keep
working without latchup, whereas competing RS-232
products can latch and must be powered down to
remove latchup.
ESD protection can be tested in various ways; the
transmitter outputs and receiver inputs of this product
family are characterized for protection to the following
limits:
1) ±15kV using the Human Body Model
2) ±8kV using the contact-discharge method specified
in IEC1000-4-2
3) ±15kV using IEC1000-4-2’s air-gap method.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test set-up, test methodology, and test results.
Human Body Model
Figure 6a shows the Human Body Model, and Figure
6b shows the current waveform it generates when
discharged into a low impedance. This model consists
of a 100pF capacitor charged to the ESD voltage of
interest, which is then discharged into the test device
through a 1.5kΩ resistor.
S
SH
HD
DN
N
EN
OPERATION
STATUS
Tx 1–4
0
0
Shutdown
All High-Z
0
1
Shutdown
All High-Z
1
0
Normal
Operation
1
1
Normal
Operation
All Active
All Active
Active
1–3
4, 5
High-Z
Active
High-Z
High-Z
High-Z
Active*
High-Z
Rx


Similar Part No. - MAX232EESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232EESE MAXIM-MAX232EESE Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX232EESE AD-MAX232EESE Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX232EESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com