Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX241ECAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX241ECAI
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX241ECAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX241ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
______________________________________________________________________________________
±15kV ESD-Protected, +5V RS-232 Transceivers
When in low-power shutdown mode, the MAX205E/
MAX206E/MAX211E/MAX213E/MAX241E driver outputs
are turned off and draw only leakage currents—even if
they are back-driven with voltages between 0V and
12V. Below -0.5V in shutdown, the transmitter output is
diode-clamped to ground with a 1kΩ series
impedance.
RS-232 Receivers
The receivers convert the RS-232 signals to CMOS-logic
output levels. The guaranteed 0.8V and 2.4V receiver
input thresholds are significantly tighter than the ±3V
thresholds required by the EIA/TIA-232E specification.
This allows the receiver inputs to respond to TTL/CMOS-
logic levels, as well as RS-232 levels.
The guaranteed 0.8V input low threshold ensures that
receivers shorted to ground have a logic 1 output. The
5kΩ input resistance to ground ensures that a receiver
with its input left open will also have a logic 1 output.
Receiver inputs have approximately 0.5V hysteresis.
This provides clean output transitions, even with slow
rise/fall-time signals with moderate amounts of noise
and ringing.
In shutdown, the MAX213E’s R4 and R5 receivers have
no hysteresis.
Shutdown and Enable Control
(MAX205E/MAX206E/MAX211E/
MAX213E/MAX241E)
In shutdown mode, the charge pumps are turned off,
V+ is pulled down to VCC, V- is pulled to ground, and
the transmitter outputs are disabled. This reduces
supply current typically to 1µA (15µA for the MAX213E).
The time required to exit shutdown is under 1ms, as
shown in Figure 5.
Receivers
All MAX213E receivers, except R4 and R5, are put into
a high-impedance state in shutdown mode (see Tables
1a and 1b). The MAX213E’s R4 and R5 receivers still
function in shutdown mode. These two awake-in-
shutdown receivers can monitor external activity while
maintaining minimal power consumption.
The enable control is used to put the receiver outputs into
a high-impedance state, to allow wire-OR connection of
two EIA/TIA-232E ports (or ports of different types) at the
UART. It has no effect on the RS-232 drivers or the
charge pumps.
Note: The enable control pin is active low for the
MAX211E/MAX241E (EN), but is active high for the
MAX213E (EN). The shutdown control pin is active high
for the MAX205E/MAX206E/MAX211E/MAX241E
(SHDN), but is active low for the MAX213E (SHDN).
C1-
IL-
RL-
V+
S1
V -
fCLK
S2
S5
S6
C1
C3
C2
IL +
RL +
S3
S4
S7
S8
C4
C1+
GND
GND
VCC
VCC
C2-
C2+
PART
fCLK
(kHz)
MAX202E
MAX211E/213E
MAX232E
MAX203E
230
MAX205E–208E
200
200
140
MAX241E
30
230
Figure 4. Charge-Pump Diagram


Similar Part No. - MAX241ECAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX241ECAI MAXIM-MAX241ECAI Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX241ECAI AD-MAX241ECAI Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX241ECAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com