Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2240EBL Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2240EBL
Description  2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2240EBL Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2240EBL Datasheet HTML 1Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 2Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 3Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 4Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 5Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 6Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 7Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 8Page - Maxim Integrated Products MAX2240EBL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
dBm
2.5GHz, +20dBm Power Amplifier IC
in UCSP Package
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(MAX2240 EV kit, VCC = +2.7V to +5V, PRFIN = 0dBm to +4dBm, fRFIN = 2.4GHz to 2.5GHz, SHDN = VCC, TA = +25°C. Typical values
measured at VCC = +3.2V, PRFIN = +3dBm, fRFIN = 2.45GHz, unless otherwise noted.)
All power levels set by D0, D1;
any load phase angle, any duration
All power levels set by D0, D1; load VSWR
≤ 3:1
SHDN = 1 to 0, D0 = D1 = logic high-to-low transition
CONDITIONS
6:1
Maximum Output VSWR Without
Damage (Note 8)
dB
45
Input to Output Isolation in
Shutdown
dBm
-30
Nonharmonic Spurious Output
(Note 9)
µs
2
Power Ramp Turn-Off Time
(Notes 7, 9)
UNITS
MIN
TYP
MAX
PARAMETERS
VCC = 5.0V
26
8
Power Control Steps
(Notes 4, 9)
SHDN = 0 to 1, D0 = D1 = logic low-to-high transition
µs
2
Power Ramp Turn-On Time
(Notes 6, 9)
dBm
-15
-5
Harmonic Output (Notes 3, 9)
RS = 50
Ω, over full Pin range
dBm
1.5:1
2:1
In-Band Spurious Noise
(Notes 5, 9)
Frequency offset = ±550kHz
dBc
-21
-20
Frequency offset = ±1.5MHz
dBm
-20
Frequency offset = ±2.5MHz
-40
Input VSWR (Note 9)
VCC = 2.7V to 5.0V
dB
2
8.6
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the entire operating temperature range are guaranteed by
design and characterization but are not production tested.
Note 2: Supply current is measured with RF power applied to the input.
Note 3: Measured with an output-matching network to minimize the 2nd and 3rd harmonics (see Applications section).
Note 4: Power steps between adjacent power levels. All other operating conditions remain constant during power step change.
Note 5: Output measured in 100kHz RBW. Test signal modulation shall comply with GFSK, BT = 0.5, 1-bit/symbol, 1Mbps, frequency
deviation = 175kHz.
Note 6: The total turn-on time for the PA output power to settle within 1dB of the final value.
Note 7: The total turn-off time for the PA output power to drop to -10dBm.
Note 8: After removal of the load mismatch, the PA returns to operation under normal conditions.
Note 9: Guaranteed by design and characterization.
MHz
2400
2500
Frequency Range
VD1
≤ 0.8V, VD0 ≥ 2V
8
VD1
≥ 2V, VD0 ≤ 0.8V
12
VD1
≥ 2V, VD0 ≥ 2V, TA = -40°C to +85°C (Note 1)
15.3
19
24
VD1
≤ 0.8V, VD0 ≤ 0.8V
dBm
3
Output Power
dBm
04
Input Power Range
VCC = 3.2V, PRFIN = 3dBm, fRFIN = 2.45GHz, VD1
≥ 2V,
VD0
≥ 2V, TA = +25°C (Note 9)
17.3
19


Similar Part No. - MAX2240EBL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2240EVKIT MAXIM-MAX2240EVKIT Datasheet
147Kb / 6P
   Evaluation Kit
Rev 0; 3/00
More results

Similar Description - MAX2240EBL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2374 MAXIM-MAX2374 Datasheet
131Kb / 8P
   SiGe, Variable IIP3, Low-Noise Amplifier in UCSP Package
Rev 0; 6/00
MAX2244 MAXIM-MAX2244 Datasheet
312Kb / 14P
   2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control
19-2204; Rev 2; 8/03
logo
Transcom, Inc.
TA060-180-35-20 TRANSCOM-TA060-180-35-20 Datasheet
77Kb / 2P
   6 ~ 18 GHz 20dBm Power Amplifier
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
   RF Power Detectors in UCSP
Rev 6; 9/06
logo
RF Micro Devices
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
TriQuint Semiconductor
TGA2702-SM TRIQUINT-TGA2702-SM Datasheet
291Kb / 14P
   2.5GHz WiMAX Driver / Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com