Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNS-4001 Datasheet(PDF) 2 Page - Level One

Part # GNS-4001
Description  4-Bay Gigabit Network Storage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GNS-4001 Datasheet(HTML) 2 Page - Level One

  GNS-4001 Datasheet HTML 1Page - Level One GNS-4001 Datasheet HTML 2Page - Level One GNS-4001 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Storsge
www.level1.com
I one world_one brand_one level_
Technical Specification
Hardware Specification
CPU:
Intel CM550 (2.0G/1M/533MHz)
Memory:
1GB DDR II, up to 4GB
Flash:
1GB Flash Card
LAN:
2 x10/100/1000Mbps Gigabit Ethernet ports
HDD:
Support 4 hot-swappable SATA II 3.5” HDD
(Maximum Raw Capacity 12TB)
USB:
2 x USB 2.0 Host
LED:
Power, HD Access, LAN 1, LAN 2, Disk 1, Disk 2, Disk 3, Disk 4
Switch:
Power on/off
Software Specification
Network Client:
Windows 98/ME/2000/2003/XP/Vista/2008 server / Windows 7,
Mac OS 8.x/9.x/10.6.x, Linux, Unix
Networking TCP/IP:
HTTP, HTTPS, FTP, FTPS
Supports connection types: Stand Alone(Multi-IP Settings),
Fault Tolerance, Load Balancing, IEEE 802.3ad/Link Aggregation
File Sharing Protocol:
CIFS/SMB over TCP/IP, FTP, NFS, AFP
File System:
Journaling file system EXT3 (for internal HDD)
FAT16/32 (for USB device)
Disk Management:
RAID JBOD, 0.1.5.6.10
Disk Scan (Manual/Schedule)
Disk S.M.A.R.T (Manual/Schedule)
Hot spare
Hot expand
Volume migrate
ISO Mounting: Max 1536 File
Data Backup:
Support Windows "Backup and Restore"
Driver Backup (Internal HDD vs USB HDD)
NAS-to-NAS data synchronization with Smart Sync
Advanced RAID bad sector recovery mechanism
Support CD-R/RW and DVD±RW, Blu-ray burning capability
Support smart-signaling UPS, USB UPS and network UPS
User Management:
User account: 20480
Disk Quota by user
Password authentication
Share Folder:
Share folder: 200~400
Share folder access right management (by user)
Log:
System log
Security log
Device Log
Unicode support for CIFS
Multiple language support for FTP/HTTP
System Function
Date/Time/Daylight
NTP client
Security:
Share permission
User/Folder quota
Build-in Trend Micro antivirus software (free)
Support UNIX Network Information Service (NIS)
Support Access Control List (ACL)
Secure Sockets Layer (SSL) 128-bit encryption
Recycle Bin:
For each share folder
Storage:
FTP/Samba/Windows File Sharing Server
Multilingual Support:
Localized web-pages: English, Traditional Chinese, Simplified
Chinese, Korean, Japanese, French, German, Italian, Spanish
Unicode UTF-8
Browser Support:
Internet Explorer 7 & 8 or Later
Firefox 3 or Later
Safari 3 & 4 or Later
Google Chrome
Physical Specification
Power Supply:
350W ATX Power Supply 80 plus compliance
AC 100-240V, 50-60Hz, 2A-4A
Temperature:
Operating Temperature: 0°C to 40°C
Storage Temperature: -20°C to 70°C
Humidity:
Operating Humidity: 10% - 80% (on-condensing)
Storage Humidity: 0% - 90% (on-condensing)
Power consumption:
196W (with 4 SATA HDD)
Dimensions:
415(D) x190 (W) x 260mm (H)
Weight:
9.3KG (Not included Hard Disk)
EMI and Safety:
FCC, CE


Similar Part No. - GNS-4001

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
GNSG50-500E RECTRON-GNSG50-500E Datasheet
91Kb / 2P
   STANDARD GPP CHIP - 50MIL
GNSG50-700E RECTRON-GNSG50-700E Datasheet
91Kb / 2P
   STANDARD GPP CHIP - 50MIL
GNSG50-900E RECTRON-GNSG50-900E Datasheet
91Kb / 2P
   STANDARD GPP CHIP - 50MIL
GNSG50-B00E RECTRON-GNSG50-B00E Datasheet
91Kb / 2P
   STANDARD GPP CHIP - 50MIL
GNSG70-500E RECTRON-GNSG70-500E Datasheet
189Kb / 2P
   STANDARD GPP CHIP - 70MIL
More results

Similar Description - GNS-4001

ManufacturerPart #DatasheetDescription
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
logo
List of Unclassifed Man...
TS-2RZHD ETC2-TS-2RZHD Datasheet
2Mb / 2P
   12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
TS-2RZSD ETC2-TS-2RZSD Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
   2U 12-bay Storage Server
logo
Silicon Laboratories
SI50122-A3 SILABS-SI50122-A3 Datasheet
1Mb / 14P
   Network Attached Storage
logo
List of Unclassifed Man...
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
   Shared Network Storage
logo
Broadcom Corporation.
BCM4780P BOARDCOM-BCM4780P Datasheet
111Kb / 1P
   NETWORK ATTACHED STORAGE PROCESSOR
logo
Intel Corporation
82579LM INTEL-82579LM Datasheet
49Kb / 8P
   Gigabit Network Connection
logo
List of Unclassifed Man...
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
RS12-38800 ETC2-RS12-38800 Datasheet
356Kb / 2P
   12-bay SAS/SATA II network storage server with dual CPU quad-core Xeon, RAID, encryption engine and flexible network connectivity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com