Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2268EUE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2268EUE
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2268EUE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2268EUE Datasheet HTML 7Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 8Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 9Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 10Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 11Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 12Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 13Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 14Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
______________________________________________________________________________________
11
-80
-70
-50
-60
-40
-30
880
900
890
910
920
930
MAX2269
ADJACENT-CHANNEL POWER RATIO
vs. FREQUENCY
FREQUENCY (MHz)
PWR = VCC
POUT = +27dBm
TA = +85°C
TA = -40°C
TA = +25°C
-90
-80
-60
-70
-50
-40
880
900
890
910
920
930
MAX2269
ALTERNATE-CHANNEL POWER RATIO
vs. FREQUENCY
FREQUENCY (MHz)
PWR = VCC
POUT = +27dBm
TA = +85°C
TA = -40°C
TA = +25°C
0
25
15
5
30
35
40
10
20
45
50
55
020
25
510
15
30
35
MAX2269
POWER-ADDED EFFICIENCY
vs. OUTPUT POWER
OUTPUT POWER (dBm)
PWR = VCC
VCC = 3.5V
VCC = 2.7V
TA = -40°C
TA = +85°C
TA = +25°C
0
5
10
15
20
-10
5
-5
0
10
15
20
MAX2269
POWER-ADDED EFFICIENCY
vs. OUTPUT POWER
OUTPUT POWER (dBm)
PWR = GND
24
26
30
34
32
28
890
880
910
900
920
930
MAX2269
POWER-ADDED EFFICIENCY
vs. FREQUENCY
FREQUENCY (MHz)
PWR = VCC
POUT = +27dBm
TA = +85°C
TA = -40°C
TA = +25°C
10
20
15
25
890
880
910
900
920
930
MAX2269
POWER-ADDED EFFICIENCY
vs. FREQUENCY
FREQUENCY (MHz)
PWR = GND
POUT = +17dBm
TA = +85°C
TA = -40°C
TA = +25°C
Typical Operating Characteristics (continued)
(MAX2267/MAX2268/MAX2269 EV kits, VCC = +3.5V, SHDN = VCC, CDMA modulation, TA = +25°C, unless otherwise noted.)
PWR = GND
-90
-80
-60
-70
-50
-40
-5
5
010
15
20
MAX2269
ALTERNATE-CHANNEL POWER RATIO
vs. OUTPUT POWER
OUTPUT POWER (dBm)
TA = -40
°C
TA = +85
°C
TA = +25
°C


Similar Part No. - MAX2268EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264 MAXIM-MAX2264 Datasheet
419Kb / 12P
   RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
MAX2264E/D MAXIM-MAX2264E/D Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264EUE MAXIM-MAX2264EUE Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264EVKIT MAXIM-MAX2264EVKIT Datasheet
419Kb / 12P
   RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
More results

Similar Description - MAX2268EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
   2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
logo
Motorola, Inc
MHL9236 MOTOROLA-MHL9236 Datasheet
277Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Freescale Semiconductor...
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
logo
ANADIGICS, Inc
AWT6222 ANADIGICS-AWT6222 Datasheet
406Kb / 8P
   HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com