Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2268EUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2268EUE
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2268EUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2268EUE Datasheet HTML 1Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 2Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 3Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 4Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 5Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 6Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 7Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 8Page - Maxim Integrated Products MAX2268EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
_______________________________________________________________________________________
5
Note 1: Minimum and maximum values are guaranteed by design and characterization, not production tested.
Note 2: PMAX is met over this frequency range at the ACPR limit with a single matching network. For optimum performance at other
frequencies, the output matching network must be properly designed. See the Applications Information section. Operation
between 750MHz and 1000MHz is possible but has not been characterized.
Note 3: PAE is specified into a 50
Ω load, while meeting the ACPR requirement.
Note 4: Time from logic transition until POUT is within 1dB of its final mean power.
Note 5: Murata isolator as load with 20:1 VSWR any phase angle after isolator.
Note 6: Noise power can be improved by using the circuit in Figures 1 and 2.
Note 7: Harmonics measured on the evaluation kit, which provides some harmonic attenuation in addition to the rejection provided
by the IC. The combined suppression is specified.
AC ELECTRICAL CHARACTERISTICS—MAX2269 (continued)
(MAX2269 EV kit, VCC = VPWR = V SHDN = +3.5V, fIN = 906MHz, CDMA modulation, SHDN = VCC, matching networks tuned for
887MHz to 925MHz operation, 50
Ω system, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power-Mode Switching Time
550
ns
Turn-On Time (Notes 1, 4)
15
µs
Maximum Input VSWR
VSWR
2.4:1
Nonharmonic Spurious due to
Load Mismatch (Notes 1, 5)
-60
dBc
Noise Power (Note 6)
-137
-130
Harmonic Suppression
32
dBc
CONDITIONS
(Note 4)
PWR = VCC or GND
fIN = 887MHz to 925MHz, PWR = GND or VCC
PIN = +6dBm
Measured at 851MHz
PWR = GND, measured at 851MHz
(Note 7)
dBm/Hz
0
20
40
60
80
100
120
140
2.5
3.5
3.0
4.0
4.5
5.0
5.5
MAX2267
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85°C
TA = -40°C
TA = +25°C
PWR = GND
SHDN = GND
NO INPUT DRIVE
20
22
26
24
28
30
2.5
3.5
3.0
4.0
4.5
5.0
MAX2267
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PWR = VCC
TA = -40°C
TA = +85°C
TA = +25°C
18
20
24
22
26
28
2.5
4.0
3.0
3.5
4.5
5.0
MAX2267
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PWR = GND
TA = -40°C
TA = +85°C
TA = +25°C
Typical Operating Characteristics
(MAX2267/MAX2268/MAX2269 EV kits, VCC = +3.5V, SHDN = VCC, CDMA modulation, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2268EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264 MAXIM-MAX2264 Datasheet
419Kb / 12P
   RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
MAX2264E/D MAXIM-MAX2264E/D Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264EUE MAXIM-MAX2264EUE Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264EVKIT MAXIM-MAX2264EVKIT Datasheet
419Kb / 12P
   RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
More results

Similar Description - MAX2268EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
   2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
logo
Motorola, Inc
MHL9236 MOTOROLA-MHL9236 Datasheet
277Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
[Old version datasheet]   LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Freescale Semiconductor...
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
   CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
logo
ANADIGICS, Inc
AWT6222 ANADIGICS-AWT6222 Datasheet
406Kb / 8P
   HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com