Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2306-MAX2309 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2306-MAX2309
Description  CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2306-MAX2309 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2306-MAX2309 Datasheet HTML 1Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 2Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 3Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 4Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 5Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 6Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 7Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 8Page - Maxim Integrated Products MAX2306-MAX2309 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX2306/MAX2308/MAX2309 are IF receivers
designed for dual-band, dual-mode, and single-mode
N-CDMA and W-CDMA cellular phone systems. The
signal path consists of a variable-gain amplifier (VGA)
and I/Q demodulator. The devices feature guaranteed
+2.7V operation, a gain control range of over 110dB,
and high input IP3 (-31dBm at 35dB gain, 3.4dBm at
-35dB gain).
Unlike similar devices, the MAX2306 family of receivers
includes dual oscillators and synthesizers to form a
self-contained IF subsystem. The synthesizer’s refer-
ence and RF dividers are fully programmable through a
3-wire serial bus, enabling dual-band system architec-
tures using any common reference and IF frequency.
The differential baseband outputs have enough band-
width to suit both N-CDMA and W-CDMA systems, and
offer saturated output levels of 2.7Vp-p at a low +2.75V
supply voltage. Including the low-noise voltage-con-
trolled oscillator (VCO) and synthesizer, the MAX2306
draws only 26mA from a +2.75V supply in CDMA (dif-
ferential IF) mode.
The MAX2306/MAX2308/MAX2309 are available in 28-
pin QFN packages.
Applications
Single/Dual/Triple-Mode CDMA Handsets
Globalstar Dual-Mode Handsets
Wireless Data Links
W-CDMA Handsets
Wireless Local Loop (WLL)
Features
o Complete IF Subsystem Includes VCO and
Synthesizer
o Supports Dual-Band, Triple-Mode Operation
o VGA with >110dB Gain Control
o Quadrature Demodulator
o High Output Level (2.7V)
o Programmable Charge-Pump Current
o Supports Any IF Frequency Between 40MHz and
300MHz
o 3-Wire Programmable Interface
o Low Supply Voltage (+2.7V)
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
________________________________________________________________ Maxim Integrated Products
1
19-2014; Rev 2; 7/01
EVALUATION
KIT AVAILABLE
Pin Configurations appear at end of data sheet.
Block Diagram appears at end of data sheet.
Ordering Information
Selector Guide
*Exposed paddle
PART
TEMP. RANGE
PIN-PACKAGE
MAX2306EGI
-40
°C to +85°C
28 QFN-EP*
MAX2308EGI
-40
°C to +85°C
28 QFN-EP*
MAX2309EGI
-40
°C to +85°C
28 QFN-EP*
PART
MODE
DESCRIPTION
INPUT RANGE
MAX2306
AMPS,
Cellular CDMA,
PCS CDMA
Dual Band, Triple Mode with Two
IF VCOs
40MHz to 300MHz
MAX2308
AMPS,
Cellular CDMA,
PCS CDMA
Dual Band, Triple Mode with Common
IF VCO
70MHz to 300MHz
MAX2309
External AMPS,
Cellular CDMA,
PCS CDMA
Dual Band, Triple Mode (Drives External
AMPS Discriminator)
70MHz to 300MHz


Similar Part No. - MAX2306-MAX2309

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2306 MAXIM-MAX2306 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
MAX2306 MAXIM-MAX2306 Datasheet
583Kb / 12P
   SMA Connectors on All Signal Ports
Rev 0; 7/01
MAX2306EGI MAXIM-MAX2306EGI Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
MAX2306ETI MAXIM-MAX2306ETI Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
MAX2306EVKIT MAXIM-MAX2306EVKIT Datasheet
583Kb / 12P
   SMA Connectors on All Signal Ports
Rev 0; 7/01
More results

Similar Description - MAX2306-MAX2309

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
MAX2310 MAXIM-MAX2310_07 Datasheet
251Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com