Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2424 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2424
Description  900MHz Image-Reject Receivers with Transmit Mixer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2424 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2424 Datasheet HTML 1Page - Maxim Integrated Products MAX2424 Datasheet HTML 2Page - Maxim Integrated Products MAX2424 Datasheet HTML 3Page - Maxim Integrated Products MAX2424 Datasheet HTML 4Page - Maxim Integrated Products MAX2424 Datasheet HTML 5Page - Maxim Integrated Products MAX2424 Datasheet HTML 6Page - Maxim Integrated Products MAX2424 Datasheet HTML 7Page - Maxim Integrated Products MAX2424 Datasheet HTML 8Page - Maxim Integrated Products MAX2424 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
________________General Description
The MAX2424/MAX2426 highly integrated front-end ICs
provide the lowest cost solution for cordless and ISM-
band radios operating in the 900MHz band. Both devices
incorporate a receive image-reject mixer (to reduce filter
cost) as well as a versatile transmit mixer. The devices
operate from a +2.7V to +4.8V single power supply,
allowing direct connection to a 3-cell battery stack.
The receive path incorporates an adjustable-gain LNA
and an image-reject downconverter with 35dB image
suppression. These features yield excellent combined
downconverter noise figure (4dB) and high linearity with
an input third-order intercept point (IIP3) of up to +2dBm.
The transmitter consists of a double-balanced mixer and
a power amplifier (PA) predriver that produces up to
0dBm (in some applications serving as the final power
stage). It can be used in a variety of configurations,
including BPSK modulation, direct VCO modulation, and
transmitter upconversion. For devices featuring trans-
mit as well as receive image rejection, refer to the
MAX2420/MAX2421/MAX2422/MAX2460/MAX2463
data sheet.
The MAX2424/MAX2426 have an on-chip local oscillator
(LO), requiring only an external varactor-tuned LC tank
for operation. The integrated divide-by-64/65 dual-mod-
ulus prescaler can also be set to a direct mode, in which
it acts as an LO buffer amplifier. Four separate power-
down inputs can be used for system power manage-
ment, including a 0.5µA shutdown mode.
The MAX2424/MAX2426 come in a 28-pin SSOP pack-
age.
________________________Applications
Cordless Phones
Wireless Telemetry
Wireless Networks
Spread-Spectrum Communications
Two-Way Paging
____________________________Features
o Receive Mixer with 35dB Image Rejection
o Adjustable-Gain LNA
o Up to +2dBm Combined Receiver Input IP3
o 4dB Combined Receiver Noise Figure
o Optimized for Common Receiver IF Frequencies:
10.7MHz (MAX2424)
70MHz (MAX2426)
o PA Predriver Provides up to 0dBm
o Low Current Consumption: 23mA Receive
20mA Transmit
9.5mA Oscillator
o 0.5µA Shutdown Mode
o Operates from Single +2.7V to +4.8V Supply
900MHz Image-Reject Receivers
with Transmit Mixer
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
GND
GND
GND
TANK
TXON
PREOUT
PREGND
MOD
DIV1
VCOON
RXON
CAP2
TXIN
TXIN
LNAGAIN
TXOUT
GND
GND
RXIN
GND
RXOUT
CAP1
SSOP
TOP VIEW
MAX2424
MAX2426
TANK
VCC
VCC
VCC
VCC
VCC
___________________Pin Configuration
19-1350 Rev 2; 2/99
PART
MAX2424EAI
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
28 SSOP
_______________Ordering Information
Functional Diagram appears at end of data sheet.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
MAX2426EAI
-40°C to +85°C
28 SSOP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX2424

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX242 MAXIM-MAX242 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX242 MAXIM-MAX242 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX242 MAXIM-MAX242 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2420 MAXIM-MAX2420 Datasheet
250Kb / 14P
   900MHz Image-Reject Transceivers
Rev 5; 8/03
MAX2420EAI MAXIM-MAX2420EAI Datasheet
250Kb / 14P
   900MHz Image-Reject Transceivers
Rev 5; 8/03
More results

Similar Description - MAX2424

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2440 MAXIM-MAX2440 Datasheet
182Kb / 12P
   900MHz Image-Reject Receivers
Rev 3; 8/03
MAX2420 MAXIM-MAX2420 Datasheet
250Kb / 14P
   900MHz Image-Reject Transceivers
Rev 5; 8/03
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com