Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2430IEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2430IEE
Description  Low-Voltage, Silicon RF Power Amplifier/Predriver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430IEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2430IEE Datasheet HTML 2Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 3Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 4Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 5Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 6Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 7Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 8Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 9Page - Maxim Integrated Products MAX2430IEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low-Voltage, Silicon RF Power
Amplifier/Predriver
_______________________________________________________________________________________
7
An overall loaded Q
≤ 5 can be achieved with readily
available surface-mount components. This network
absorbs the parasitic elements of the surface-mount
components in such a way that they do not negatively
impact the stopband characteristics; in fact, they can
improve the overall stopband attenuation with properly
chosen components. High-Q components (Q > 100)
that have self-resonance near the 3rd harmonic of the
intended output frequency should provide good pass-
band characteristics with low loss, while offering good
attenuation of the undesired 2nd and 3rd harmonics
that are generated. Note that most applications will
require extra filtering components and good shielding
after the matching network to ensure absolute attenua-
tion of out-of-band signals in order to meet out-of-band
spurious suppression requirements.
Output Mismatch Considerations
The MAX2430 will typically withstand an output load
mismatch of VSWR = 6:1 at any electrical phase without
exhibiting oscillatory behavior over the entire supply
voltage range of 3V to 5.5V. Resistor RC enhances sta-
bility under load mismatch conditions and does not
affect normal operation of the circuit.
BIAS Pin
The voltage at the BIAS pin controls the output power
transistor biasing. At BIAS = 0.6V, the output transistor
is biased to Class C, resulting in low gain and relatively
nonlinear power. Above 2V, the output stage is biased
to Class AB. Note that changing the bias voltage may
degrade the output transistor’s stability.
The shutdown pin (SHDN) controls the master bias cir-
cuit, which in turn provides a control current of approxi-
mately ±500µA to the external capacitor connected to
the BIAS pin. When SHDN transitions from low to high,
the BIAS pin capacitor charges up and clamps at
approximately 2.2V. When SHDN transitions from high
to low, the BIAS pin capacitor is discharged to nearly
ground. This results in a power-up/power-down ramp-
ing of the RF envelope, which can be approximated by
the following equation:
tramp
≅ CBIAS x 2.2V / 0.5mA = 4400Ω x CBIAS
Therefore, a 2.2nF capacitor will give approximately
10µs ramp time.
The BIAS pin can also be used to control the final output
power and gain over a 15dB range, by forcing the BIAS
pin voltage externally between 0.6V and 2.4V. Note that
the BIAS pin driver must be able to source/sink 700µA.
Forcing the BIAS pin directly in this manner disrupts the
RF envelope timing function. To avoid this, place a
diode in series with the BIAS pin control circuit, as
shown in Figure 2.
Note that when using the BIAS pin for power control,
linearity is much degraded at the lower power levels.
Operating Frequency Range
The MAX2430 has been characterized for operation in
the 800MHz to 1000MHz range. Operation outside this
range is possible, but the following issues must be con-
sidered:
• Gain increases substantially at lower frequencies,
possibly causing stability problems.
• Useful gain and output power levels drop rapidly
above 1000MHz.
MAX2430
BIAS
10
0V TO 2.0V
POWER
CONTROL
2
CBIAS
SHDN
MASTER
BIAS
2.2V
CLAMP
OUTPUT
BIAS
Figure 2. Power-Control Application Using BIAS Pin


Similar Part No. - MAX2430IEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2430 MAXIM-MAX2430 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX2430EVKIT-PWRQSOP MAXIM-MAX2430EVKIT-PWRQSOP Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX2430EVKIT-SO MAXIM-MAX2430EVKIT-SO Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
More results

Similar Description - MAX2430IEE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
   Variable gain RF predriver amplifier
1997 Aug 12
logo
Maxim Integrated Produc...
MAX2645 MAXIM-MAX2645 Datasheet
219Kb / 12P
   3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
Rev 1; 8/03
logo
New Japan Radio
NJM2070 NJRC-NJM2070 Datasheet
127Kb / 4P
   LOW VOLTAGE POWER AMPLIFIER
logo
Renesas Technology Corp
M61556FP RENESAS-M61556FP_15 Datasheet
224Kb / 16P
   100 W 1-Channel Amplifier Predriver
M61556FP RENESAS-M61556FP Datasheet
200Kb / 14P
   100 W 1-Channel Amplifier Predriver
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
   VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com