Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-53A5VEMZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-53A5VEMZ
Description  3.3 V 1X9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-53A5VEMZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-53A5VEMZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Receiver Optical Characteristics
(TA = 0°C to +70°C, VCC = 3.14 V to 3.47 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Input Optical Power
PIN
–17
0
dBm avg.
7
Stressed Receiver Sensitivity
62.5
µm
–12.5
dBm avg.
8
50
µm
–13.5
dBm avg.
8
Stressed Receiver Eye
201
ps
6, 9
Opening at TP4
Receive Electrical 3 dB
1500
MHz
10
Upper Cutoff Frequency
Operating Center Wavelength
λC
770
860
nm
Return Loss
12
dB
11
Signal Detect – Asserted
PA
–17
dBm avg.
12
Signal Detect – Deasserted
PD
–30
dBm avg.
12
Signal Detect – Hysteresis
PA – PD
1.5
dB
12
Notes:
1. The maximum Optical Output Power complies with the IEEE 802.3z specification, and is class 1 laser eye safe.
2. Optical Extinction Ratio is defined as the ratio of the average optical power of the transmitter in the high (“1”) state to the low (“0”) state. Ex-
tinction Ratio shall be measured using the methods specified in TIA/EIA.526.4A. This measurement may be made with the node transmitting
a 36A.3 data pattern. The Saturation Ratio is measured under fully modulated conditions with worst case reflections. A36A.3 data pattern is a
repeating K28.7 data pattern, which generates a 125 mHz square wave.
3. These are unfiltered 20-80% values.
4. Laser transmitter pulse response characteristics are specified by an eye diagram (Figure 1). The characteristics include rise time, fall time,
pulse overshoot, pulse undershoot, and ringing, all of which are controlled to prevent excessive degradation of the receiver sensitivity. These
parameters are specified by the referenced Gigabit Ethernet eye diagram using the required filter. The output optical waveform complies with
the requirements of the eye mask discussed in section 38.6.5 and Fig. 38-2 of IEEE 802.3z.
5. CPR is measured in accordance with EIA/TIA-526-14A as referenced in 802.3z, section 38.6.10.
6. TP refers to the compliance point specified in 802.3z, section 38.2.1.
7. The receive sensitivity is measured using a worst case extinction ratio penalty while sampling at the center of the eye.
8. The stressed receiver sensitivity is measured using the conformance test signal defined in 802.3z, section 38.6.11. The conformance test signal
is conditioned by applying deterministic jitter and intersymbol interference.
9. The stressed receiver jitter is measured using the conformance test signal defined in 802.3z, section 38.6.11 and set to an average optical
power 0.5 dB greater than the specified stressed receiver sensitivity.
10. The 3 dB electrical bandwidth of the receiver is measured using the technique outlined in 802.3z, section 38.6.12.
11. Return loss is defined as the minimum attenuation (dB) of received optical power for energy reflected back into the optical fiber.
12. With valid 8B/10B encoded data.
HFBR-53A5VEMZ/FMZ, 850 nm VCSEL
Transmitter Optical Characteristics
(TA = 0°C to +70°C, VCC = 3.14 V to 3.47 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Output Optical Power
POUT
–9.5
–4
dBm avg.
1
50/125 µm, NA = 0.20 Fiber
Output Optical Power
POUT
–9.5
–4
dBm avg.
1
62.5/125 µm, NA = 0.275 Fiber
Optical Extinction Ratio
9
dB
2
Center Wavelength
λC
830
850
860
nm
Spectral Width – rms
σ
0.85
nm rms
Optical Rise/Fall Time
tr/tf
0.26
ns
3, 4, Figure 1
RIN12
–117
dB/Hz
Coupled Power Ratio
CPR
9
dB
5
Total Transmitter Jitter
227
ps
6
Added at TP2


Similar Part No. - HFBR-53A5VEMZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ_15 Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
More results

Similar Description - HFBR-53A5VEMZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ_15 Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
logo
Agilent(Hewlett-Packard...
HFBR-53A5VEM HP-HFBR-53A5VEM Datasheet
308Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53D5 HP-HFBR-53D5 Datasheet
280Kb / 16P
   1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
HFBR-5912E HP-HFBR-5912E Datasheet
334Kb / 16P
   Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
logo
SIXNET Technology Park
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
logo
Infineon Technologies A...
V23806-S84-Z3 INFINEON-V23806-S84-Z3 Datasheet
88Kb / 5P
   Testboard for ATM, ESCON, Fibre Channel and Gigabit Ethernet 1x9 Transceivers
NOVEMBER 1999
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-53D5EMZ AVAGO-HFCT-53D5EMZ Datasheet
140Kb / 14P
   1300 nm FP Laser 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D3EZ AVAGO-AFBR-53D3EZ Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com