Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2620 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2620
Description  10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2620 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2620 Datasheet HTML 1Page - Maxim Integrated Products MAX2620 Datasheet HTML 2Page - Maxim Integrated Products MAX2620 Datasheet HTML 3Page - Maxim Integrated Products MAX2620 Datasheet HTML 4Page - Maxim Integrated Products MAX2620 Datasheet HTML 5Page - Maxim Integrated Products MAX2620 Datasheet HTML 6Page - Maxim Integrated Products MAX2620 Datasheet HTML 7Page - Maxim Integrated Products MAX2620 Datasheet HTML 8Page - Maxim Integrated Products MAX2620 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10MHz to 1050MHz Integrated
RF Oscillator with Buffered Outputs
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(Per test circuit of Figure 1, VCC = +3.0V, SHDN = VCC, ZLOAD = ZSOURCE = 50Ω, PIN = -20dBm/50Ω, fTEST = 900MHz, TA = +25°C,
unless otherwise noted.)
-5
B
C
0
A:
B:
C:
10MHz BAND CIRCUIT
NOT CHARACTERIZED FOR THIS FREQUENCY BAND.
EXPECTED PERFORMANCE SHOWN.
900MHz BAND CIRCUIT
200
400
600
800
1000
1200
OUT OUTPUT POWER vs. FREQUENCY
OVER VCC AND TEMPERATURE
-7
MAX2620-01
FREQUENCY (MHz)
-9
-6
-8
TA = +85°C
TA = +25°C
TA = -40°C
VCC = 5.25V
VCC = 5.25V
VCC = 2.7V
VCC = 2.7V
A
-13.0
-13.5
-12.0
-12.5
-11.0
-11.5
0
400
200
600
800
1000
1200
OUT OUTPUT POWER vs. FREQUENCY
OVER VCC AND TEMPERATURE
MAX2620-02
FREQUENCY (MHz)
VCC = 5.25V
VCC = 2.7V
TA = +85°C
TA = +25°C
TA = -40°C
FREQUENCY
(MHz)
REAL COMPONENT
(R in
Ω)
IMAGINARY COMPONENT
(X in
Ω)
250
106
163
350
68
102
450
60
96
550
35
79
1050
6.5
22.7
Table 1. Recommended Load Impedance at OUT or OUT for
Optimum Power Transfer
850
650
17.5
62.3
750
17.2
50.6
10.9
33.1
950
7.3
26.3


Similar Part No. - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620 Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620 MAXIM-MAX2620 Datasheet
55Kb / 4P
   Evaluation Kit
Rev 1; 5/98
MAX2620D MAXIM-MAX2620D Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620E MAXIM-MAX2620E Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620EUA MAXIM-MAX2620EUA Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
More results

Similar Description - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620_02 Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
logo
PhaseLink Corporation
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Maxim Integrated Produc...
MAX2471EUT MAXIM-MAX2471EUT Datasheet
120Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
MAX2470 MAXIM-MAX2470 Datasheet
115Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
19-4797; Rev 0; 2/99
logo
Abracon Corporation
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com