Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAS9750-16I4E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # SAS9750-16I4E
Description  Express SATASAS RAID Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SAS9750-16I4E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  SAS9750-16I4E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SAS9750-16I4E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information and sales office locations, please visit the LSI website at: www.lsi.com
LSI, the LSI & Design logo, and the Storage.Networking.Accelerated. tagline are trademarks or registered trademarks of LSI Corporation. All
other brand or product names may be trademarks or registered trademarks of their respective companies.
LSI Corporation reserves the right to make changes to any products and services herein at any time without notice. LSI does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by LSI; nor does the purchase, lease, or use of a product or service from LSI convey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual property rights of LSI or of third parties.
Copyright ©2013 by LSI Corporation. All rights reserved. > 1213
North American Headquarters
San Jose, CA
T: +1.866.574.5741 (within U.S.)
T: +1.408.954.3108 (outside U.S.)
LSI Europe Ltd.
European Headquarters
United Kingdom
T: [+44] 1344.413200
LSI KK Headquarters
Tokyo, Japan
T: [+81] 3.5463.7165
Product Brief
Remote Creation, Management and Monitoring with 3DM2™
3DM2 is powerful remote management software that simplifies the
configuration, management and monitoring of 3ware storage arrays.
3DM2 provides an intuitive interface to remotely create, manage and
3 W ARE ® SAS 9 7 5 0 - 1 6 I 4 E C ONTR OLLER C ARD
Solution Provided
Sixteen port internal/four port external SATA+SAS solution for high-density servers and workstations using up to 127 drives with
the flexibility to use both SATA and SAS hard drives and solid state drives (SSDs)
Physical Dimensions
Full height (6.6” x 4.376”)
Connectors
Four Mini-SAS SFF8087 internal connectors
One Mini-SAS SFF8088 external connector
Device Support
Up to 127 SATA and/or SAS hard drives and SSDs
Host Bus Type
x8 lane PCI Express 2.0 Compliant
Data Transfer Rates
Up to 6Gb/s per port
I/O Processor/SAS Controller
LSISAS2108 RAID-on-Chip (ROC)
Cache Memory
512MB 800MHz DDR II SDRAM
Battery Backup Unit
LSIiBBU07, an intelligent battery backup module option that remotely connects to the controller
Key RAID Data Protection
Features
RAID levels 0, 1, 5, 6,10, 50 and Single Disk
Rapid RAID Recovery
StreamFusion+
Online Capacity Expansion (OCE)
Online RAID Level Migration (RLM)
Auto resume after loss of system power
during array rebuild or reconstruction
Single controller Multipathing (failover)
Load Balancing
Variable stripe size support
Fast initialization for quick array setup
Background Task Activity Policies
Multiple logical unit sizes and RAID levels on one card
Bootable array support for greater fault tolerance of your OS
SMTP support for email notification
SNMP support
Emergency Flash Recovery protects against failed
firmware upgrade
Up to 32 active units support
Up to 32 drives per unit support
Support for greater than 2TB volumes
S.M.A.R.T support
Staggered drive spin-up support
Drive insertion and removal notification
Global Hot Spare – Automatic rebuild
Enclosure management for SES 2.0 via I2C or in-band
signaling
Optional Battery Backup with StorSave BBU
Operating Temperature
Maximum ambient: 60°C (44.5°C w/iBBU) with a minimum airflow of 200 LFPM
Operating Voltage
3.3V and 12V
Warranty
3 years, free advanced technical support, advanced replacement option
Regulatory Certifications
EN55022, EN55024, EN60950, EN 61000-3-2, EN 61000-3-3; FCC Class A, Class B; UL1950; UL; CSA C22.2; VCCI; RRL for MIC; BSMI;
C-tick
RAID Management
3ware® Disk Manager 2 (3DM®2); Command Line Utility (CLI); 3ware BIOS Manager (3BM); SNMP support
OS Support
Extensive support includes Microsoft® Windows Vista®, Windows 7®, Windows Server® 2003/2008, Red Hat Linux®, SuSE Linux®,
Fedora Core Linux®, FreeBSD®, Mac® OS X, VMware® ESXTM and ESXTMi, OpenSolarisTM, and more.
Visit the LSI download center for the most complete list of supported operating systems: lsi.com/support
Ordering Information
3ware SAS 9750-16i4e Single Pack P/N: LSI00252; 3ware SAS 9750-4i4e Kit P/N: LSI00254
monitor your 3ware RAID arrays and single disks in a robust, secure
array management environment for your RAID protected data. Proven
self-monitoring technologies and automatic notification services can
maximize your storage availability while minimizing the pressure on
system administrators.


Similar Part No. - SAS9750-16I4E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9750-4I AVAGO-SAS9750-4I Datasheet
907Kb / 2P
   Four-Port 6Gb/s PCI Express SATASAS RAID Controller Card
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
   Express SATASAS RAID Controller
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-8I AVAGO-SAS9750-8I Datasheet
535Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID
More results

Similar Description - SAS9750-16I4E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
   Express SATASAS RAID Controller
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9380-4I4E AVAGO-SAS9380-4I4E Datasheet
368Kb / 2P
   High Performance 12Gb/s PCI Express SATASAS RAID Controller
SAS9380-8E AVAGO-SAS9380-8E Datasheet
224Kb / 2P
   High Performance 12Gb/s PCI Express SATASAS RAID Controller
logo
Broadcom Corporation.
9380-4I4E BOARDCOM-9380-4I4E Datasheet
143Kb / 2P
   High Performance 12Gb/s PCI Express SATASAS RAID Controller
logo
AVAGO TECHNOLOGIES LIMI...
05-25444-00 AVAGO-05-25444-00 Datasheet
581Kb / 2P
   High Performance 12Gb/s PCI Express SATASAS RAID Controller
SAS9260-16I AVAGO-SAS9260-16I Datasheet
270Kb / 2P
   16-Port Internal PCI Express SATA and SAS RAID Controller
SAS9261-8I AVAGO-SAS9261-8I Datasheet
259Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com