Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-3100-RAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3100-RAE
Description  10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3100-RAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3100-RAE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3100-RAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-3100
C ®
UL US
ƒ 10.4" TFT SVGA LED Panel with resistive touchscreen
ƒ Embedded Intel® Atom™ processor D2550 1.86 GHz
ƒ System memory up to 4 GB DDR3 1066 SDRAM
ƒ Supports one internal SATA 2.5" HDD and 1 x mSATA socket
ƒ Fanless design and low power consumption
ƒ Automatic data flow control over RS-485
ƒ Adjust RS-232/422/485 through BIOS
ƒ COM1/COM2 pin9 RI/5V/12V adjustable through BIOS
ƒ LED backlight Auto dimming
10.4" Fanless Panel PC with Intel®
Atom™ D2550 Processor
Introduction
PPC-3100 is a new 10.4" Panel PC equipped with an Intel Atom processor D2550. Meeting high demands of harsh environments, the fanless design makes PPC-3100 more reliable
in different kinds of applications for the machine building industry. In addition, the dual GbE LAN, 4 x serial ports, 4 x USB ports, and GPIO connector make it easier to connect to
devices and be integrated into specific solutions. With a user friendly design it comes with an LED indicator on the front panel for power on/off, storage access, and LAN active status.
Specifications
Processor System
CPU
Intel Atom D2550 1.86 GHz 10W Dual Core CPU on board
Memory
SODIMM x 1, DDR3 1066, Max 4 GB
2nd Cache Memory
1 MB
Chipset
Intel NM10
Storage
mSATA*1
HDD
1 x 2.5" SATA HDD Bay (Internal)
I/O Ports
4 x Serial ports: 3 x RS-232, 1x RS-232/422/485 (Adjustable through BIOS)
4 x USB 2.0 ports
1 x Line-out, 1x MIC-in
1 x DB15 VGA
1 x DB9 GPIO port (8 pin programmable)
Bus Expansion
1x MINI PCIe
Network (LAN)
2 x 10/100/1000 Mbps Ethernet
Speaker
2 x 1W speakers
Watchdog Timer
255 timer levels; setup by software
Dimensions (W x H x D)
275 x 220 x 64.3 mm (10.83" x 8.74" x 2.53")
Weight
2.5 kg (5.51 lb)
OS Support
OS Support
Win XPE, Win XP Pro, WES7 32 bit, Win CE 7.0, Win 7
Power Supply
Input Voltage
DC 12 ~ 30 V
LCD Display
Display Type
10.4" TFT LCD (LED Backlight)
Max. Resolution
800 x 600
Colors
16.2 M
Dot Size (mm)
0.264 x 0.264
Viewing Angle
80 (left), 80 (right), 70 (up), 70 (down)
Luminance(cd/m2)
400
Brightness Control
Yes
Backlight Lifetime
30, 000 hrs (typical)
Touchscreen
Touch Type
Analog Resistive 5-wire
Resolution
2048 x 2048
Light Transmission
81+/-3%
Controller
RS-232 interface
Software Driver Support
Windows 7, XP, CE
Durability (Touches)
36 million
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PPC-3100-RAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3100-RE9A ADVANTECH-PPC-3100-RE9A Datasheet
381Kb / 2P
   10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3100-RE9AU ADVANTECH-PPC-3100-RE9AU Datasheet
381Kb / 2P
   10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3100-RE9B ADVANTECH-PPC-3100-RE9B Datasheet
381Kb / 2P
   10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3100-RE9BU ADVANTECH-PPC-3100-RE9BU Datasheet
381Kb / 2P
   10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com