Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1700008921 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 1700008921
Description  10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1700008921 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  1700008921 Datasheet HTML 1Page - Advantech Co., Ltd. 1700008921 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-3100
A. MIC in
B. 4 x USB
C.VGA
D.RS-232/422/485
E. Power S/W
F. DC-in
G.3 x RS-232
H.GPIO
I. 2 x GbE
J. LINE out
A
C
D
E
F
G
H
J
I
B
266.00
64.30
4.50
21.50
262.86
275.00
CUT OUT
I/O
Ordering Information
Part No.
Description
PPC-3100-RAE
Atom D2550 Fanless Panel PC with 10.4" SVGA LED
backlight, touch, without memory
PS-DC19-L157E
19V power adapter module
1700001524
Power cord 3P UL 10A 125V 1.8m
170203183C
Power cord 3P Europe (WS-010+083)183cm
1700008921
Power cord 3P/3P Power supply 1.8M PSE
* PPC-174T-WL-MTE
Wall mount kit for PPC series
* PPC-ARM-A03
PPC ARM VESA Standard
PPC-3100-VESAE
PPC-3100 VESA bracket
PPC-WLAN-A1E
WiFi Module with Antenna Cable 28cm for PPC
2070011747
Image XPE WES2009 PPC-3100 V4.3.1 24
multi-languages with SUSI Access
2070012891
Image WES7P 32-bit Multi V4.12 PPC-3120/3100
2070012470
Image WEC7 PPC-3100 V1.0 Eng
* PPC-STAND-A1E
Stand For PPC Series (single acting hinge)
* if you order the Wall mount kit / ARM / Desktop stand , please also order PPC-3100-
VESAE at the same time.
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F)
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant


Similar Part No. - 1700008921

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1700008921 ADVANTECH-1700008921 Datasheet
710Kb / 2P
   Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
1700008921 ADVANTECH-1700008921 Datasheet
388Kb / 2P
   21.5' FHD OpenFrame Monitor
1700008921 ADVANTECH-1700008921 Datasheet
393Kb / 2P
   19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
1700008921 ADVANTECH-1700008921 Datasheet
1Mb / 9P
   10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
1700008921 ADVANTECH-1700008921 Datasheet
2Mb / 2P
   12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com