Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-4211W-P5AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-4211W-P5AE
Description  21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-4211W-P5AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-4211W-P5AE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-4211W-P5AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-4211W
I/O Appearance
A. Mic-in
B. 4 x USB 3.0
C.VGA Port
D.4 x RS-232
E. DC Inlet
F. Power Button
G.Ground Line
H.1 x RS-422/485
I. Display Port
J. 2 x 10/100/1000 Mbps Ethernet
K. Line Out
A B
E
C D
F
G
H
I
J
K
550.30
558.40
548.81
7.30
41.70
63.60
75
100
CUT OUT
Ordering Information
Part No
Description
PPC-4211W-P5AE
21.5 Wide screen PPC with PCT Multi-touch, Intel
Core i5-4300U up to 2.9GHz
PPC-4211W-PCAE
21.5 Wide screen PPC with PCT Multi-touch, Intel
Celeron 2980U 1.6GHz
1702002600
Power Cable UL/CSA (USA) 180D 125V10A 1.83M
1702002605
Power Cable 90D 220V EUROPEAN 250V/6A 1.8M
PS-DC19-150AE
19V DC 150W Power Adapter Module For PPC
Product
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-ARM-A03
PPC ARM VESA Standard
PPC-WLAN-A2E
Wi-Fi Module
PPC-174 Stand
Stand for PPC series (double acting hinges)
PPC-STAND-A1E
Stand for PPC Series (single acting hinge)
2070012905
Image WES7P 32-bit Multi V4.12
PPC-4151W/4211W-P
2070013051
Image WES7P 64-bit Multi V4.12
PPC-4151W/4211W-P
PPC-FUSB-A1E
Front USB Module


Similar Part No. - PPC-4211W-P5AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
   12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-412-R750A ADVANTECH-PPC-412-R750A Datasheet
443Kb / 2P
   12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-412-R750AU ADVANTECH-PPC-412-R750AU Datasheet
443Kb / 2P
   12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-415-PB30A ADVANTECH-PPC-415-PB30A Datasheet
507Kb / 2P
   15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-415-PB50A ADVANTECH-PPC-415-PB50A Datasheet
507Kb / 2P
   15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com