Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP1G125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AXP1G125
Description  Low-power buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G125 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AXP1G125_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74AXP1G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 16 January 2014
5 of 18
NXP Semiconductors
74AXP1G125
Low-power buffer/line driver; 3-state
10. Static characteristics
[1]
All typical values are measured at VCC = 1.2 V.
Table 7.
Static characteristics
At recommended operating conditions, unless otherwise specified; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ 25
C Max 25 C Max 85 C
VIH
HIGH-level input
voltage
VCC = 0.75 V to 0.85 V
0.75VCC
--
-
V
VCC = 1.1 V to 1.95 V
0.65VCC
--
-
V
VCC = 2.3 V to 2.7 V
1.6
-
-
-
V
VIL
LOW-level input
voltage
VCC = 0.75 V to 0.85 V
-
-
0.25VCC
0.25VCC
V
VCC = 1.1 V to 1.95 V
-
-
0.35VCC
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
0.7
V
VOH
HIGH-level
output voltage
IO = 20 A; VCC = 0.7 V
-
0.69
-
-
V
IO = 100 A; VCC = 0.75 V
0.65
-
-
-
V
IO = 2 mA; VCC = 1.1 V
0.825
-
-
-
V
IO = 3 mA; VCC = 1.4 V
1.05
-
-
-
V
IO = 4.5 mA; VCC = 1.65 V
1.2
-
-
-
V
IO = 8 mA; VCC = 2.3 V
1.7
-
-
-
V
VOL
LOW-level
output voltage
IO = 20 A; VCC = 0.7 V
-
0.01
-
-
V
IO = 100 A; VCC = 0.75 V
-
-
0.1
0.1
V
IO = 2 mA; VCC = 1.1 V
-
-
0.275
0.275
V
IO = 3 mA; VCC = 1.4 V
-
-
0.35
0.35
V
IO = 4.5 mA; VCC = 1.65 V
-
-
0.45
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.7
0.7
V
II
input leakage
current
VI = 0 V to 2.75 V;
VCC =0Vto 2.75V
[1]
-0.001
0.1
0.5
A
IOZ
OFF-state output
current
VI = VIH or VIL; VO = 0 V to 2.75 V [1]
-0.02
0.1
0.5
A
IOFF
power-off
leakage current
VI or VO = 0 V to 2.75 V;
VCC =0V
[1]
-0.01
0.1
0.5
A
I
OFF
additional
power-off
leakage current
VI or VO = 0 V or 2.75 V;
VCC =0Vto 0.1 V
[1]
-0.02
0.1
0.5
A
ICC
supply current
VI = 0 V or VCC; IO = 0 A
[1]
-0.01
0.3
0.6
A
I
CC
additional supply
current
VI = VCC  0.5 V; IO = 0 A;
VCC =2.5 V
-
2
100
150
A


Similar Part No. - 74AXP1G125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G125GM NEXPERIA-74AXP1G125GM Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
74AXP1G125GN NEXPERIA-74AXP1G125GN Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
74AXP1G125GS NEXPERIA-74AXP1G125GS Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
74AXP1G125GX NEXPERIA-74AXP1G125GX Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
More results

Similar Description - 74AXP1G125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125_15 Datasheet
377Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 6-15 August 2012
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
74AUP1G125 PHILIPS-74AUP1G125 Datasheet
104Kb / 21P
   Low-power buffer/line driver; 3-state
Rev. 02-30 June 2006
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126_15 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com