Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP1G125 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AXP1G125
Description  Low-power buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G125 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AXP1G125_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G125_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74AXP1G125 is a single buffer/line driver with 3-state output.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.5 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G125
Low-power buffer/line driver; 3-state
Rev. 1 — 16 January 2014
Product data sheet


Similar Part No. - 74AXP1G125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G125GM NEXPERIA-74AXP1G125GM Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
74AXP1G125GN NEXPERIA-74AXP1G125GN Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
74AXP1G125GS NEXPERIA-74AXP1G125GS Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
74AXP1G125GX NEXPERIA-74AXP1G125GX Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
More results

Similar Description - 74AXP1G125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125_15 Datasheet
377Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 6-15 August 2012
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
74AUP1G125 PHILIPS-74AUP1G125 Datasheet
104Kb / 21P
   Low-power buffer/line driver; 3-state
Rev. 02-30 June 2006
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126_15 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com