Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3125 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74CBTLV3125
Description  4-bit bus switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3125 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74CBTLV3125_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74CBTLV3125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 15 December 2011
7 of 17
NXP Semiconductors
74CBTLV3125
4-bit bus switch
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 10. ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 24 mA
Fig 11. ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 64 mA
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai110
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai111
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 12. ON resistance as a function of input voltage;
VCC = 3.3 V; ISW = 15 mA
Fig 13. ON resistance as a function of input voltage;
VCC = 3.3 V; ISW = 24 mA
VI (V)
04
3
12
001aai105
4
6
8
RON
(
Ω)
2
(1)
(4)
(2)
(3)
VI (V)
04
3
12
001aai106
4
6
8
RON
(
Ω)
2
(1)
(4)
(2)
(3)


Similar Part No. - 74CBTLV3125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3125-Q100 NEXPERIA-74CBTLV3125-Q100 Datasheet
271Kb / 15P
   4-bit bus switch
74CBTLV3125BQ NEXPERIA-74CBTLV3125BQ Datasheet
291Kb / 17P
   4-bit bus switch
74CBTLV3125BQ-Q100 NEXPERIA-74CBTLV3125BQ-Q100 Datasheet
271Kb / 15P
   4-bit bus switch
logo
Texas Instruments
74CBTLV3125DBQRE4 TI-74CBTLV3125DBQRE4 Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
74CBTLV3125DBQRE4 TI-74CBTLV3125DBQRE4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Similar Description - 74CBTLV3125_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
   4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
   4-Bit Bus Switch
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3126 ONSEMI-FST3126 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com