Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3244 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74CBTLV3244
Description  8-bit bus switch with 4-bit output enables
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3244 Datasheet(HTML) 5 Page - NXP Semiconductors

  74CBTLV3244_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74CBTLV3244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 15 December 2011
5 of 18
NXP Semiconductors
74CBTLV3244
8-bit bus switch with 4-bit output enables
8.
Recommended operating conditions
[1]
Applies to control signal levels.
9.
Static characteristics
[1]
All typical values are measured at Tamb =25 C.
[2]
One input at 3 V, other inputs at VCC or GND.
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
2.3
3.6
V
VI
input voltage
0
3.6
V
VSW
switch voltage
enable and disable mode
0
VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 2.3 V to 3.6 V
[1] -
200
ns/V
Table 6.
Static characteristics
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
-
0.9
V
II
input leakage
current
pin nOE; VI = GND to VCC;
VCC =3.6 V
--
1-
20
A
IS(OFF)
OFF-state
leakage current
VCC = 3.6 V; see Figure 6
--
1-
20
A
IS(ON)
ON-state
leakage current
VCC = 3.6 V; see Figure 7
--
1-
20
A
IOFF
power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0V
--
10
-
50
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VSW =GND or VCC;
VCC =3.6 V
--
10
-
50
A
I
CC
additional
supply current
pin nOE; VI =VCC  0.6 V;
VSW =GND or VCC;
VCC =3.6 V
[2]
-
-
300
-
2000
A
CI
input
capacitance
pin nOE; VCC = 3.3 V;
VI =0Vto3.3 V
-0.9
-
-
-
pF
CS(OFF)
OFF-state
capacitance
VCC = 3.3 V; VI =0Vto3.3 V
-
5.2
-
-
-
pF
CS(ON)
ON-state
capacitance
VCC = 3.3 V; VI = 0 V to 3.3 V
-
14.3
-
-
-
pF


Similar Part No. - 74CBTLV3244_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3244-Q100 NEXPERIA-74CBTLV3244-Q100 Datasheet
268Kb / 14P
   8-bit bus switch with 4-bit output enables
Rev. 1 - 13 December 2022
74CBTLV3244BQ NEXPERIA-74CBTLV3244BQ Datasheet
269Kb / 15P
   8-bit bus switch with 4-bit output enables
74CBTLV3244BQ-Q100 NEXPERIA-74CBTLV3244BQ-Q100 Datasheet
268Kb / 14P
   8-bit bus switch with 4-bit output enables
Rev. 1 - 13 December 2022
logo
Renesas Technology Corp
74CBTLV3244PGG RENESAS-74CBTLV3244PGG Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
74CBTLV3244PGG8 RENESAS-74CBTLV3244PGG8 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results

Similar Description - 74CBTLV3244_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
   8-bit bus switch with 4-bit output enables
74CBTLV3244-Q100 NEXPERIA-74CBTLV3244-Q100 Datasheet
268Kb / 14P
   8-bit bus switch with 4-bit output enables
Rev. 1 - 13 December 2022
logo
NXP Semiconductors
74CBTLVD3244 PHILIPS-74CBTLVD3244_15 Datasheet
433Kb / 20P
   8-bit level-shifting bus switch with 4-bit output enables
Rev. 2-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
   10-bit bus switch with 5-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
   10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
logo
NXP Semiconductors
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
   10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com