Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3050 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3050
Description  짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3050 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3050 Datasheet HTML 1Page - Maxim Integrated Products MAX3050 Datasheet HTML 2Page - Maxim Integrated Products MAX3050 Datasheet HTML 3Page - Maxim Integrated Products MAX3050 Datasheet HTML 4Page - Maxim Integrated Products MAX3050 Datasheet HTML 5Page - Maxim Integrated Products MAX3050 Datasheet HTML 6Page - Maxim Integrated Products MAX3050 Datasheet HTML 7Page - Maxim Integrated Products MAX3050 Datasheet HTML 8Page - Maxim Integrated Products MAX3050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
±80V Fault-Protected, 2Mbps, Low Supply
Current CAN Transceivers
4
_______________________________________________________________________________________
Note 1: As defined by ISO, bus value is one of two complementary logical values: dominant or recessive. The dominant value repre-
sents the logical 1 and the recessive represents the logical 0. During the simultaneous transmission of the dominant and
recessive bits, the resulting bus value is dominant. For MAX3050 and MAX3057 values, see the truth table in the
Transmitter and Receiver sections.
TIMING CHARACTERISTICS
(VCC = +5V ±10%, RL = 60
Ω, CL = 100pF, TA = TMIN to TMAX. Typical values are at VCC = +5V and TA = +25°C.) (Figures 1, 2, and 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING
VRS = 0 (2Mbps)
0.5
RRS = 24k
Ω (500kbps)
2
RRS = 100k
Ω (125kbps)
8
Minimum Bit Time
tBIT
RRS = 180k
Ω (62.5kbps)
25
µs
Delay TXD to Bus Active
tONTXD
VRS = 0
40
ns
Delay TXD to Bus Inactive
tOFFTXD
VRS = 0
75
ns
VRS = 0 (2Mbps)
120
ns
RRS = 24k
Ω (500kbps)
0.4
RRS = 100k
Ω (125kbps)
1.6
Delay TXD to Receiver Active
tONRXD
RRS = 180k
Ω (62.5kbps)
5.0
µs
VRS = 0 (2Mbps)
130
ns
RRS = 24k
Ω (500kbps)
0.45
RRS = 100k
Ω (125kbps)
1.6
Delay TXD to Receiver Inactive
tOFFRXD
RRS = 180k
Ω (62.5kbps)
5.0
µs
RRS = 24k
Ω (500kbps)
14
RRS = 100k
Ω (125kbps)
7
Differential Output Slew Rate
SR
RRS = 180k
Ω (62.5kbps)
1.6
V/µs
Bus Dominant to RXD Low
Standby mode
10
µs
Time to Wake Up: CANH > 9V
tWAKE
SHDN = GND, VTXD = VCC (MAX3050)
10
µs
Time to Sleep Mode when Bus Is
Recessive
tSHDN
CSHDN = 100nF (MAX3050)
10
47
ms


Similar Part No. - MAX3050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050ASA MAXIM-MAX3050ASA Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
More results

Similar Description - MAX3050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3053 MAXIM-MAX3053 Datasheet
317Kb / 11P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 0; 4/02
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3053 MAXIM-MAX3053_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 1; 5/14
MAX3054 MAXIM-MAX3054 Datasheet
503Kb / 18P
   짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
Rev 0; 11/02
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
   짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX3058 MAXIM-MAX3058 Datasheet
221Kb / 12P
   5V, 1Mbps, Low Supply Current CAN Transceivers
Rev 1; 9/03
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
MAX13020 MAXIM-MAX13020 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com