Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3054 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3054
Description  짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3054 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3054 Datasheet HTML 4Page - Maxim Integrated Products MAX3054 Datasheet HTML 5Page - Maxim Integrated Products MAX3054 Datasheet HTML 6Page - Maxim Integrated Products MAX3054 Datasheet HTML 7Page - Maxim Integrated Products MAX3054 Datasheet HTML 8Page - Maxim Integrated Products MAX3054 Datasheet HTML 9Page - Maxim Integrated Products MAX3054 Datasheet HTML 10Page - Maxim Integrated Products MAX3054 Datasheet HTML 11Page - Maxim Integrated Products MAX3054 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
±80V Fault-Protected/Tolerant CAN
Transceivers for In-Car Applications
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 5V, VBATT = +12V, RTL = RTH = 511
Ω, R1 = 125Ω, and TA = +25°C; see Figure 3.)
SLEW RATE vs. TEMPERATURE
RECESSIVE TO DOMINANT
TEMPERATURE (
°C)
92
59
-7
26
5
10
15
20
0
-40
125
MAX3055
MAX3056
MAX3054
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
450
400
350
300
250
200
150
100
50
33
34
35
36
37
32
0
500
TA = +125
°C
TA = +25
°C
TA = -40
°C
MAX3055
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
100
75
50
25
0
125
TA = +125
°C
TA = -40
°C
33
34
35
36
37
32
TA = +25
°C
MAX3056
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
30
20
10
34
35
36
37
38
33
040
TA = +125
°C
TA = +25
°C
TA = -40
°C
MAX3054 RECEIVER PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
90
55
20
-15
250
300
350
400
450
200
-50
125
RECESSIVE
CL = 330pF
DOMINANT
MAX3055 RECEIVER PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
90
55
20
-15
300
400
500
600
200
-50
125
RECESSIVE
DOMINANT
CL = 1nF
MAX3056 RECEIVER PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
90
55
20
-15
0.5
1.0
1.5
2.0
0
-50
125
RECESSIVE
DOMINANT
CL = 3.3nF
MAX3054 DRIVER PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
90
55
20
-15
125
150
175
200
100
-50
125
RECESSIVE
DOMINANT
CL = 330pF
MAX3055 DRIVER PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
90
55
20
-15
-50
125
CL = 1nF
RECESSIVE
DOMINANT
400
500
600
700
300


Similar Part No. - MAX3054

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
More results

Similar Description - MAX3054

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
   짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
MAX3053 MAXIM-MAX3053 Datasheet
317Kb / 11P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 0; 4/02
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
logo
Motorola, Inc
MC33388 MOTOROLA-MC33388 Datasheet
454Kb / 28P
   Fault Tolerant CAN Interface
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
Infineon Technologies A...
TLE6262G INFINEON-TLE6262G Datasheet
809Kb / 38P
   Fault Tolerant CAN - LDO
version 2.03 2002-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com