Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCU-5730RZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5730RZ
Description  Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5730RZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ABCU-5730RZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ABCU-5730RZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Table 2. 20-pin Connection Diagram Description
Pin
Name
Function/Description
MSA Notes
1
VEET
Transmitter Ground
2
TX Fault
Transmitter Fault Indication - High Indicates a Fault
Note 1
3
TX Disable
Transmitter Disable - Module disables on high or open
Note 2
4
MOD-DEF2
Module Definition 2 - Two wire serial ID interface
Note 3
5
MOD-DEF1
Module Definition 1 - Two wire serial ID interface
Note 3
6
MOD-DEF0
Module Definition 0 - Grounded in module
Note 3
7
Rate Select
Not Connected
8
LOS
Loss of Signal - High Indicates Loss of Signal
Note 4
9
VEER
Receiver Ground
10
VEER
Receiver Ground
11
VEER
Receiver Ground
12
RD-
Inverse Received Data Out
Note 5
13
RD+
Received Data Out
Note 5
14
VEER
Receiver Ground
15
VCCR
Receiver Power - 3.3 V +/- 5%
Note 6
16
VCCT
Transmitter Power - 3.3 V +/- 5%
Note 6
17
VEET
Transmitter Ground
18
TD+
Transmitter Data In
Note 7
19
TD-
Inverse Transmitter Data In
Note 7
20
VEET
Transmitter Ground
Notes:
1. TX Fault is not used and is always tied to ground through a 100 ohm resistor.
2. TX Disable as described in the MSA is not applicable to the 1000BASE-T module, but is used for convenience as an input to reset the internal
ASIC. This pin is pulled up within the module with a 4.7 K
W resistor.
Low (0 – 0.8 V):
Transceiver on
Between (0.8 V and 2.0 V):
Undefined
High (2.0 – 3.465 V):
Transceiver in reset state
Open:
Transceiver in reset state
3. Mod-Def 0,1,2. These are the module definition pins. They should be pulled up with a 4.7-10 K
W resistor on the host board to a supply less than
VCCT + 0.3 V or VCCR + 0.3 V.
Mod Def 0 is tied to ground through a 100 ohm resistor to indicate that the module is present.
Mod-Def 1 is clock line of two wire serial interface for optional serial ID
Mod-Def 2 is data line of two wire serial interface for optional serial ID
4. LOS (Loss of Signal) operation on the 1000BaseT SFP is different than for optical SFP applications. For models with RX_LOS enabled, RX_LOS
signal is a 1000BASE-T linkup/link-down indicator and not a peak (AC) or voltage (DC) detector. For models where RX_LOS is disabled, RX_LOS
is not used and is always tied to ground via 100-ohm resistor.
5. RD-/+: These are the differential receiver outputs. They are ac coupled 100
W differential lines which should be terminated with 100 W differential
at the user SerDes. The ac coupling is done inside the module and is thus not required on the host board. The voltage swing on these lines
will be between 370 and 2000 mV differential (185 – 1000 mV single ended) when properly terminated. These levels are compatible with CML
and LVPECL voltage swings.
6. VCCR and VCCT are the receiver and transmitter power supplies. They are defined as 3.3 V ± 5% at the SFP connector pin. The maximum supply
current is 317 mA and the associated in-rush current will typically be no more than 30 mA above steady state after 500 nanoseconds.
7. TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100
W differential termination inside the module.
The ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 – 2400
mV (250 – 1200 mV single ended), though it is recommended that values between 500 and 1200 mV differential (250 – 600 mV single ended)
be used for best EMI performance. These levels are compatible with CML and LVPECL voltage swings.


Similar Part No. - ABCU-5730RZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5730ARZ-C ATGBICS-ABCU-5730ARZ-C Datasheet
182Kb / 7P
   ABCU-5730ARZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
ABCU-5730GZ-C ATGBICS-ABCU-5730GZ-C Datasheet
196Kb / 7P
   ABCU-5730GZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - ABCU-5730RZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5710RZ AVAGO-ABCU-5710RZ Datasheet
485Kb / 27P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com