Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCU-5740RZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5740RZ
Description  Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5740RZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ABCU-5740RZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740RZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Electromagnetic Interference (EMI)
Most equipment designs utilizing these high-speed trans-
ceivers from Avago Technologies will be required to meet
the requirements of FCC in the United States, CENELEC
EN55022 (CISPR 22A) in Europe and VCCI in Japan.
The metal housing and shielded design minimize the
EMI challenge facing the host equipment designer. These
transceivers provide superior EMI performance. This
greatly assists the designer in the management of the
overall system EMI performance.
Flammability
The ABCU-57xxxxZ electrical transceiver housing is
made of metal and high strength, heat resistant, chemi-
cally resistant, and UL 94V-0 flame retardant plastic.
Caution
There are no user serviceable parts nor any maintenance
required for the ABCU-57xxxxZ. Tampering with or
modifying the performance will result in voided product
warranty. It may also result in improper operation of the
ABCU-57xxxxZ circuitry, and possible overstress of the
RJ 45 connector. Device degradation or product failure
may result. Connecting the module to a non-approved
1000BaseT module, operating above the recommended
absolute maximum conditions or operating the ABCU-
57xxxxZ in a manner inconsistent with its design and
function may result in hazardous radiation exposure and
may be considered an act of modifying or manufacturing
an electrical module product.
Ordering Information
Please contact your local field sales engineer or one of
Avago Technologies franchised distributors for ordering
information. For technical information, please visit Avago
Technologies web page at www.avagotech.com or con-
tact Avago Technologies Customer Response Center. For
information related to the MSA visit www.schelto.com/
SFP/index.html
Customer Manufacturing Processes
This module is pluggable and is not designed for aqueous
wash, IR reflow or wave soldering processes.


Similar Part No. - ABCU-5740RZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5740AGZ-C ATGBICS-ABCU-5740AGZ-C Datasheet
182Kb / 7P
   ABCU-5740AGZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
ABCU-5740ARZ-C ATGBICS-ABCU-5740ARZ-C Datasheet
193Kb / 7P
   ABCU-5740ARZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - ABCU-5740RZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5710RZ AVAGO-ABCU-5710RZ Datasheet
485Kb / 27P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com