Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX308CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX308CPE
Description  Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX308CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX308CPE Datasheet HTML 1Page - Maxim Integrated Products MAX308CPE Datasheet HTML 2Page - Maxim Integrated Products MAX308CPE Datasheet HTML 3Page - Maxim Integrated Products MAX308CPE Datasheet HTML 4Page - Maxim Integrated Products MAX308CPE Datasheet HTML 5Page - Maxim Integrated Products MAX308CPE Datasheet HTML 6Page - Maxim Integrated Products MAX308CPE Datasheet HTML 7Page - Maxim Integrated Products MAX308CPE Datasheet HTML 8Page - Maxim Integrated Products MAX308CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
High-Performance, CMOS Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ ............................................................................-0.3V, 44V
GND .........................................................................-0.3V, 25V
Digital Inputs, NO, COM (Note 1)...........(V- - 2V) to (V+ + 2V) or
30mA, (whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges
MAX30_C_ _ .......................................................0°C to +70°C
MAX30_E_ _.....................................................-40°C to +85°C
MAX30_MJE ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCOM = ±10V,
VNO = ±10V,
sequence
each switch
on
VNO = +10V,
VCOM = ±10V,
VEN = 0V
VCOM = +10V,
VNO = ±10V,
VEN = 0V
INO = -1.0mA,
VCOM = ±10V
INO = -1.0mA,
VCOM = ±10V (Note 4)
VNO = ±10V,
VCOM = +10V,
VEN = 0V
CONDITIONS
nA
-10
10
ICOM(ON)
COM-On Leakage Current
(Note 5)
-5
5
-0.75
0.02
0.75
-20
20
-10
10
-0.75
0.02
0.75
nA
-10
10
ICOM(OFF)
COM-Off Leakage Current
(Note 5)
-5
5
-0.75
0.02
0.75
-20
20
60
100
-10
10
-0.75
0.02
0.75
nA
-5.0
5.0
INO(OFF)
NO-Off Leakage Current
(Note 5)
-2.5
2.5
125
RON
On-Resistance
1.5
5
8
∆RON
On-Resistance Matching
Between Channels
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Note 1:
Signals on NO, COM, EN, A0, A1, or A2 exceeding V+ or V- are clamped by internal diodes. Limit forward current to
maximum current ratings.
V
-15
15
VNO,
VCOM
Analog Signal Range
INO = -1.0mA,
VCOM = ±5V or 0V
1.8
7
10
RFLAT
On-Resistance Flatness
(Note 3)
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
-0.5
0.01
0.5
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
MAX309
MAX308
MAX309
MAX308
C, E
M
C, E
M
C, E
M
C, E
M
C, E
M
SWITCH


Similar Part No. - MAX308CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308CPE MAXIM-MAX308CPE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308CPE MAXIM-MAX308CPE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308CPE MAXIM-MAX308CPE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
More results

Similar Description - MAX308CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com