Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX306EPI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX306EPI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306EPI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX306EPI Datasheet HTML 1Page - Maxim Integrated Products MAX306EPI Datasheet HTML 2Page - Maxim Integrated Products MAX306EPI Datasheet HTML 3Page - Maxim Integrated Products MAX306EPI Datasheet HTML 4Page - Maxim Integrated Products MAX306EPI Datasheet HTML 5Page - Maxim Integrated Products MAX306EPI Datasheet HTML 6Page - Maxim Integrated Products MAX306EPI Datasheet HTML 7Page - Maxim Integrated Products MAX306EPI Datasheet HTML 8Page - Maxim Integrated Products MAX306EPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX306/MAX307 precision, monolithic, CMOS
analog multiplexers (muxes) offer low on-resistance
(less than 100
Ω), which is matched to within 5Ω
between channels and remains flat over the specified
analog signal range (7
Ω max). They also offer low leak-
age over temperature (INO(OFF) less than 2.5nA at
+85°C) and fast switching speeds (tTRANS less than
250ns). The MAX306 is a single-ended 1-of-16 device,
and the MAX307 is a differential 2-of-8 device.
The MAX306/MAX307 are fabricated with Maxim’s
improved 44V silicon-gate process. Design improve-
ments yield extremely low charge injection (less than
10pC) and guarantee electrostatic discharge (ESD)
protection greater than 2000V.
These muxes operate with a single +4.5V to +30V sup-
ply, or bipolar ±4.5V to ±20V supplies, while retaining
TTL/CMOS-logic input compatibility and fast switching.
CMOS inputs provide reduced input loading. These
improved parts are plug-in upgrades for the industry-
standard DG406, DG407, DG506A, and DG507A.
________________________Applications
Sample-and-Hold Circuits
Test Equipment
Heads-Up Displays
Guidance and Control Systems
Military Radios
Communications Systems
Battery-Operated Systems
PBX, PABX
Audio Signal Routing
____________________________Features
o Guaranteed On-Resistance Match Between
Channels, <5
Ω Max
o Low On-Resistance, <100
Ω Max
o Guaranteed Flat On-Resistance over Specified
Signal Range, 7
Ω Max
o Guaranteed Charge Injection, <10pC
o INO(OFF) Leakage <2.5nA at +85°C
o ICOM(OFF) Leakage <20nA at +85°C
o ESD Protection >2000V
o Plug-In Upgrade for Industry-Standard
DG406/DG407/DG506A/DG507A
o Single-Supply Operation (+4.5V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o Low Power Consumption, <1.25mW
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
______________Ordering Information
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
CMOS DECODERS/DRIVERS
A0
A1
A2
A3
EN
MAX306 16-CHANNEL SINGLE-ENDED MULTIPLEXER
NO16
NO15
NO14
NO13
NO12
NO11
NO10
NO9
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
COM
V+
V-
GND
NO15
NO14
NO13
NO12
NO11
NO10
NO9
NO7
NO6
NO5
NO4
N03
N02
N01
TOP VIEW
PLCC
12
13
14 15
16
17
18
1
2
3
4
26
27
28
19
20
21
22
23
24
25
5
6
7
8
9
10
11
MAX306
N.C. = NO INTERNAL CONNECTION
Continued at end of data sheet.
_____________________Pin Configurations/Functional Diagrams/Truth Tables
Call toll free 1-800-998-8800 for free samples or literature.
19-0270; Rev 0; 8/94
PART
MAX306CPI
MAX306CWI
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Plastic DIP
28 Wide SO
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
MAX306C/D
0°C to +70°C
Dice*
MAX306EPI
-40°C to +85°C
28 Plastic DIP
MAX306EWI
-40°C to +85°C
28 Wide SO
MAX306EQI
-40°C to +85°C
28 PLCC
MAX306MJI
-55°C to +125°C
28 CERDIP


Similar Part No. - MAX306EPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306EPI MAXIM-MAX306EPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EPI MAXIM-MAX306EPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EPI MAXIM-MAX306EPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EPI MAXIM-MAX306EPI Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
More results

Similar Description - MAX306EPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com