Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3070EAPD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3070EAPD
Description  3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3070EAPD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3070EAPD Datasheet HTML 3Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 4Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 5Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 6Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 7Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 8Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 9Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 10Page - Maxim Integrated Products MAX3070EAPD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
_______________________________________________________________________________________
7
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
0.6
0.7
0.8
0.9
1.0
0.5
-50
125
DE = VCC
DE = 0
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
30
0
0
3.5
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
30
35
0
0
3.5
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
3.05
3.10
3.15
3.20
3.25
3.30
3.00
-50
125
IO = -1mA
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
-50
125
IO = -1mA
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
3.0
2.5
1.5
2.0
1.0
0.5
10
20
30
40
50
60
70
80
90
100
0
0
3.5
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
2.50
2.60
1.60
-50
125
RL = 54
OUTPUT CURRENT
vs. TRANSMITTER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3
2
-6 -5 -4
-2 -1
0
-3
1
20
40
60
80
100
120
140
160
0
-7
4
OUTPUT CURRENT
vs. TRANSMITTER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
10
8
6
4
2
20
40
60
80
100
120
140
160
180
0
012
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3070EAPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results

Similar Description - MAX3070EAPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com