Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX231EJD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX231EJD
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX231EJD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX231EJD Datasheet HTML 1Page - Maxim Integrated Products MAX231EJD Datasheet HTML 2Page - Maxim Integrated Products MAX231EJD Datasheet HTML 3Page - Maxim Integrated Products MAX231EJD Datasheet HTML 4Page - Maxim Integrated Products MAX231EJD Datasheet HTML 5Page - Maxim Integrated Products MAX231EJD Datasheet HTML 6Page - Maxim Integrated Products MAX231EJD Datasheet HTML 7Page - Maxim Integrated Products MAX231EJD Datasheet HTML 8Page - Maxim Integrated Products MAX231EJD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
General Description
The MAX220–MAX249 family of line drivers/receivers is
intended for all EIA/TIA-232E and V.28/V.24 communica-
tions interfaces, particularly applications where ±12V is
not available.
These parts are especially useful in battery-powered sys-
tems, since their low-power shutdown mode reduces
power dissipation to less than 5µW. The MAX225,
MAX233, MAX235, and MAX245/MAX246/MAX247 use
no external components and are recommended for appli-
cations where printed circuit board space is critical.
________________________Applications
Portable Computers
Low-Power Modems
Interface Translation
Battery-Powered RS-232 Systems
Multidrop RS-232 Networks
Next-Generation
Device Features
♦ For Low-Voltage, Integrated ESD Applications
MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E: +3.0V to +5.5V, Low-Power, Up to
1Mbps, True RS-232 Transceivers Using Four
0.1µF External Capacitors (MAX3246E Available
in a UCSP™ Package)
♦ For Low-Cost Applications
MAX221E: ±15kV ESD-Protected, +5V, 1µA,
Single RS-232 Transceiver with AutoShutdown™
+5V-Powered, Multichannel RS-232
Drivers/Receivers
________________________________________________________________ Maxim Integrated Products
1
Selection Table
19-4323; Rev 15; 1/06
PART
MAX220CPE
MAX220CSE
MAX220CWE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 Wide SO
MAX220C/D
0°C to +70°C
Dice*
MAX220EPE
MAX220ESE
MAX220EWE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 Wide SO
MAX220EJE
-40°C to +85°C
16 CERDIP
MAX220MJE
-55°C to +125°C
16 CERDIP
Power
No. of
Nominal
SHDN
Rx
Part
Supply
RS-232
No. of
Cap. Value & Three- Active in Data Rate
Number
(V)
Drivers/Rx Ext. Caps (µF)
State
SHDN
(kbps)
Features
MAX220
+5
2/2
4
0.047/0.33
No
120
Ultra-low-power, industry-standard pinout
MAX222
+5
2/2
4
0.1
Yes
200
Low-power shutdown
MAX223 (MAX213) +5
4/5
4
1.0 (0.1)
Yes
120
MAX241 and receivers active in shutdown
MAX225
+5
5/5
0
Yes
120
Available in SO
MAX230 (MAX200) +5
5/0
4
1.0 (0.1)
Yes
120
5 drivers with shutdown
MAX231 (MAX201) +5 and
2/2
2
1.0 (0.1)
No
120
Standard +5/+12V or battery supplies;
+7.5 to +13.2
same functions as MAX232
MAX232 (MAX202) +5
2/2
4
1.0 (0.1)
No
120 (64)
Industry standard
MAX232A
+5
2/2
4
0.1
No
200
Higher slew rate, small caps
MAX233 (MAX203) +5
2/2
0
No
120
No external caps
MAX233A
+5
2/2
0
No
200
No external caps, high slew rate
MAX234 (MAX204) +5
4/0
4
1.0 (0.1)
No
120
Replaces 1488
MAX235 (MAX205) +5
5/5
0
Yes
120
No external caps
MAX236 (MAX206) +5
4/3
4
1.0 (0.1)
Yes
120
Shutdown, three state
MAX237 (MAX207) +5
5/3
4
1.0 (0.1)
No
120
Complements IBM PC serial port
MAX238 (MAX208) +5
4/4
4
1.0 (0.1)
No
120
Replaces 1488 and 1489
MAX239 (MAX209) +5 and
3/5
2
1.0 (0.1)
No
120
Standard +5/+12V or battery supplies;
+7.5 to +13.2
single-package solution for IBM PC serial port
MAX240
+5
5/5
4
1.0
Yes
120
DIP or flatpack package
MAX241 (MAX211) +5
4/5
4
1.0 (0.1)
Yes
120
Complete IBM PC serial port
MAX242
+5
2/2
4
0.1
Yes
200
Separate shutdown and enable
MAX243
+5
2/2
4
0.1
No
200
Open-line detection simplifies cabling
MAX244
+5
8/10
4
1.0
No
120
High slew rate
MAX245
+5
8/10
0
Yes
120
High slew rate, int. caps, two shutdown modes
MAX246
+5
8/10
0
Yes
120
High slew rate, int. caps, three shutdown modes
MAX247
+5
8/9
0
Yes
120
High slew rate, int. caps, nine operating modes
MAX248
+5
8/8
4
1.0
Yes
120
High slew rate, selective half-chip enables
MAX249
+5
6/10
4
1.0
Yes
120
Available in quad flatpack package
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
AutoShutdown and UCSP are trademarks of Maxim Integrated
Products, Inc.


Similar Part No. - MAX231EJD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX231EJD MAXIM-MAX231EJD Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX231EJD MAXIM-MAX231EJD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX231EJD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com