Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3097E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3097E
Description  짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3097E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3097E Datasheet HTML 1Page - Maxim Integrated Products MAX3097E Datasheet HTML 2Page - Maxim Integrated Products MAX3097E Datasheet HTML 3Page - Maxim Integrated Products MAX3097E Datasheet HTML 4Page - Maxim Integrated Products MAX3097E Datasheet HTML 5Page - Maxim Integrated Products MAX3097E Datasheet HTML 6Page - Maxim Integrated Products MAX3097E Datasheet HTML 7Page - Maxim Integrated Products MAX3097E Datasheet HTML 8Page - Maxim Integrated Products MAX3097E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
±15kV ESD-Protected, 32Mbps, 3V/5V,
Triple RS-422/RS-485 Receivers with Fault Detection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, TA = TMIN to TMAX , unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC).............................................................+7V
Receiver Input Voltage (A, A, B, B, Z, Z) .............................±25V
Output Voltage (OUT_, ALARM_)...............-0.3V to (VCC + 0.3V)
DELAY ........................................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
16-Pin SO (derate 8.7mW/°C above +70°C).................696mW
16-Pin Plastic DIP (derate 10.53mW/°C
above +70°C).............................................................762mW
Operating Temperature Ranges
MAX3097EC_E...................................................0°C to +70°C
MAX3098E_C_E .................................................0°C to +70°C
MAX3097E_E_E ..............................................-40°C to +85°C
MAX3098E_E_E ..............................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
3
5.5
V
Supply Current
ICC
No load
3.1
4.0
mA
Receiver Differential Threshold
Voltage (Note 1)
VTH
-10V
≤ VCM ≤ 13.2V
-200
+200
mV
Receiver Input Hysteresis
∆VTH
-10V
≤ VCM ≤ 13.2V
40
mV
VCC = 4.75V, IO = -4mA, VID = 200mV
VCC - 1.5
Output High Voltage
VOH
VCC = 3.0V, IO = -1mA, VID = 200mV
VCC - 1.0
V
VCC = 4.75V, IO = +4mA, VID = -200mV
0.4
Output Low Voltage
VOL
VCC = 3.0V, IO = +1mA, VID = -200mV
0.4
V
Receiver Input Resistance
RIN
-10V
≤ VCM ≤ 13.2V
90
160
k
VIN = 13.2V
(Note 2)
0.07
0.14
Input Current
(A , A , B , B (Z , Z )
IIN
VCC = 0 or 5.5V
VIN = -10V
(Note 2)
-0.05
-0.11
mA
Output Short-Circuit Current
IOSR
0
≤ VRO ≤ VCC
±105
mA
FAULT DETECTION
FDIFH
High limit
275
475
MAX3097E Fault-Detection
Receiver Differential Threshold
Voltage (Note 3)
FDIFL
VCM = 0
Low limit
-475
-275
mV
FDIFH
High limit
0.12
0.20
MAX3098EA Fault-Detection
Receiver Differential Threshold
Voltage (Note 3)
FDIFL
VCM = 0
Low limit
-0.20
-0.12
V


Similar Part No. - MAX3097E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097ECEE MAXIM-MAX3097ECEE Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3097ECSE MAXIM-MAX3097ECSE Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
More results

Similar Description - MAX3097E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com