Electronic Components Datasheet Search |
|
HFBR-59L1ALZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HFBR-59L1ALZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 14 page 4 Table 1. Regulatory Compliance Feature Test Method Performance Electrostatic Discharge (ESD) to the Electrical Pins MIL-STD-883C Method 3015.4 Class 2 (>2000 V) Electrostatic Discharge (ESD) to the Duplex LC Receptacle Variation of IEC 61000-4-2 Typically withstand at least 25 kV without damage when the duplex LC connector receptacle is contaced by a Human Body Model probe. Electromagnetic Interference (EMI) FCC Class B CENELEC EN55022 Class B (CISPR 22A) VCCI Class 1 System margins are dependent on customer board and chassis design. Immunity Variation of IEC 61000-4-3 Typically shows a negligible effect from a 10 V/m field swept from 80 to 1000 MHz applied to the transceiver without a chassis enclosure. Eye Safety US FDA CDRH AEL Class 1 EN (IEC)60825-1, 2 EN60950 Class 1 CDRH file # 9720151 TUV file # R2079009 Component Recognition Underwriters Laboratories and Canadian Standards Association Joint Component Recognition for Information Technology Equipment including Electrical Business Equipment. UL file # E173874 Eye Safety These 850 nm VCSEL-based transceivers provide Class 1 eye safety by design. Avago Technologies has tested the transceiver design for compliance with the requirements listed in Table 1: Regulatory Compliance, under normal operating conditions and under a single fault condition. Flammability The HFBR-59L1ALZ VCSEL transceiver housing is made of metal and high strength, heat resistant, chemically resistant, and UL 94V-0 flame retardant plastic. Caution There are no user serviceable parts nor is any maintenance required for the HFBR-59L1ALZ. All adjustments are made at the factory before shipment to our customers. Tampering with or modifying the performance of the HFBR-59L1ALZ will result in voided product warranty. It may also result in improper operation of the HFBR- 59L1ALZ circuitry, and possible overstress of the laser source. Device degradation or product failure may result. Connection of the HFBR-59L1ALZ to a non-approved optical source, operating above the recommended absolute maximum conditions or operating the HFBR- 59L1ALZ in a manner inconsistent with its design and function may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. The person(s) performing such an act is required by law to recertify and reidentify the laser product under the provi- sions of U.S. 21 CFR (Subchapter J) and the TUV. Ordering Information Please contact your local field sales engineer or one of Avago Technologies franchised distributors for ordering information. For technical information regarding this product, including the MSA, please visit Avago Technolo- gies Website at www.avagotech.com. Use the quick search feature to search for this part number. You may also contact Avago Technologies Customer Response Center. |
Similar Part No. - HFBR-59L1ALZ |
|
Similar Description - HFBR-59L1ALZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |