Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3157 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3157
Description  High CMRR RS-485 Transceiver with 짹50V Isolation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3157 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3157 Datasheet HTML 1Page - Maxim Integrated Products MAX3157 Datasheet HTML 2Page - Maxim Integrated Products MAX3157 Datasheet HTML 3Page - Maxim Integrated Products MAX3157 Datasheet HTML 4Page - Maxim Integrated Products MAX3157 Datasheet HTML 5Page - Maxim Integrated Products MAX3157 Datasheet HTML 6Page - Maxim Integrated Products MAX3157 Datasheet HTML 7Page - Maxim Integrated Products MAX3157 Datasheet HTML 8Page - Maxim Integrated Products MAX3157 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High CMRR RS-485 Transceiver
with ±50V Isolation
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, YR = ZR = AR = BR = ISOCOM, C1 = C2 = 0.047µF, C3 = C4 = 1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DE = GND, VCC = GND or 5.25V, -7V
≤ (VIN -
VISOCOM)
≤ 12V, YR = ZR = ISOCOM
-5.0
8.0
Output Leakage (Y and Z)
Full Duplex
IO
DE = GND, VCC = GND or 5.25V, -7V
≤ (VIN -
VISOCOM)
≤ 12V, YR open, ZR open
-0.58
1.0
mA
IOSD1
VISOCOM - 7V
≤ VOUT ≤ VISOVCC
-250
Driver Short-Circuit Output
Current (Note 3)
IOSD2
VISOCOM - 7V
≤ VOUT ≤ VISOCOM +12V
250
mA
RECEIVER
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM - VISOCOM ≤ 12V
-200
-125
-50
mV
Receiver Input Hysteresis
∆VTH
25
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = -50mV
V CC - 1.5
V
Receiver Output Low Voltage
VOL
IO = 4mA, VID = -200mV
0.4
V
Three-State Output Current at
Receiver
IOZR
0.4V
≤ VO ≤ 2.4V
±1µA
-7V
≤ VCM - VISOCOM ≤ 12V, AR = BR =
ISOCOM
1.5
Receiver Input Resistance
RIN
-7V
≤ VCM - VISOCOM ≤ 12V, AR open,
BR open
12
k
Receiver Output Short-Circuit
Current
IOSR
0V
≤ VRO ≤ VCC
±7
±100
mA
SUPPLY CURRENT
Supply Current
ICC
No load, RE = DE = DI = GND or VCC
25
85
mA
DE = GND, RE = VCC, VISOCOM = GND
25
60
Supply Current in Shutdown
Mode
ISHDN
DE = GND, RE = VCC, VISOCOM =
±50V
±600
µA
Maximum Ground Differential
∆VGND
DE = GND, RE = VCC,
| ISOCOM leakage |
≤ 600µA
±50
V
SWITCHING CHARACTERISTICS
(VCC = +5V ±5%, YR = ZR = AR = BR = ISOCOM, C1 = C2 = 0.047µF, C3 = C4 = 1µF. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tDPLH
Figures 3 and 5, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
400
1400
2000
Driver Input to Output
tDPHL
Figures 3 and 5, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
400
1400
2000
ns
Driver Output Skew
| tDPLH - tDPHL |
tDSKEW
Figures 3 and 5, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
250
ns
Driver Rise or Fall Time
tDR, tDF
Figures 3 and 5, RDIFF = 54
Ω,
CL1 = CL2 =100pF
200
1200
2200
ns
Maximum Data Rate
fMAX
250
kbps


Similar Part No. - MAX3157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158CAI MAXIM-MAX3158CAI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158CPI MAXIM-MAX3158CPI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158EAI MAXIM-MAX3158EAI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158EPI MAXIM-MAX3158EPI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
More results

Similar Description - MAX3157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
83Kb / 9P
   High-Fanout RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
logo
Shanghai Leiditech Elec...
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com