Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3111EEWI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3111EEWI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111EEWI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3111EEWI Datasheet HTML 1Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 2Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 3Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 4Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 5Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 6Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 7Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 8Page - Maxim Integrated Products MAX3111EEWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX3110E
(VCC = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +5V, TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and function-
al operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND (MAX3110E) ........................................-0.3V to +6V
VCC to GND (MAX3111E).........................................-0.3V to +4V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................+0.3V to -7V
V+ to V- (Note 1) ..................................................................+13V
Input Voltages to GND
CS, X1, CTS, RX, DIN, SCLK.................. -0.3V to (VCC + 0.3V)
T_IN, SHDN ...........................................................-0.3V to +6V
R_IN ..................................................................................±25V
Output Voltage to GND
DOUT, RTS, TX, X2 .................................-0.3V to (VCC + 0.3V)
IRQ .......................................................................-0.3V to +6V
T_OUT ...........................................................................±13.2V
R_OUT .....................................................-0.3V to (VCC + 0.3V)
TX, RTS Output Current ....................................................100mA
Short-Circuit Duration
X2, DOUT, IRQ (to VCC or GND).............................Continuous
T_OUT (to GND) .....................................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-pin Wide SO (derate 12.5mW/°C above +70°C) ...........1W
28-pin Plastic DIP (derate 14.3mW/°C above +70°C) ....1.14W
Operating Temperature Ranges
MAX311_EC_ _ .................................................. 0°C to +70°C
MAX311_EE_ _ ................................................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference should not exceed 13V.
SHDNi bit = 1
SHDNi bit = 0
2
Input Current
IIN1
25
µA
VX1 = 0 or 5.5V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL1
0.2VCC
V
Input High Voltage
VIH1
0.7VCC
V
V
Supply Current with Hardware
and Software Shutdown
ICCSHDN(H+ S)
320
µA
Input Capacitance
CIN1
5
pF
Input High Voltage
VIH2
0.7VCC
V
Input Low Voltage
VIL2
0.3VCC
V
Supply Current
ICC
0.6
2
mA
Supply Current with Hardware
Shutdown
ICCSHDN(H)
0.48
1
mA
Input Hysteresis
VHYST2
250
mV
Input Leakage Current
ILKG1
±1
µA
Input Capacitance
CIN2
5
pF
Input High Voltage
VIH3
2.4
Input Low Voltage
VIL3
0.8
V
Transmitter Input Hysteresis
VHYST3
500
mV
Input Leakage Current
IIN3
±0.01
±1
µA
CONDITIONS
SHDN = GND, SHDNi bit = 1 (Note 4)
VCC = 5V
SHDN = VCC, no load
SHDN = GND (Note 3)
DC CHARACTERISTICS (VCC = +5V, TA = +25°C)
UART OSCILLATOR INPUT (X1)
UART LOGIC INPUTS (DIN, SCLK, CS, CTS, RX))
RS-232 LOGIC INPUTS (T_IN, SHDN))


Similar Part No. - MAX3111EEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3111EEWI MAXIM-MAX3111EEWI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
More results

Similar Description - MAX3111EEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com